Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D336X06R3A2T Datasheet(PDF) 6 Page - Texas Instruments

Part # 595D336X06R3A2T
Description  REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

595D336X06R3A2T Datasheet(HTML) 6 Page - Texas Instruments

Back Button 595D336X06R3A2T Datasheet HTML 2Page - Texas Instruments 595D336X06R3A2T Datasheet HTML 3Page - Texas Instruments 595D336X06R3A2T Datasheet HTML 4Page - Texas Instruments 595D336X06R3A2T Datasheet HTML 5Page - Texas Instruments 595D336X06R3A2T Datasheet HTML 6Page - Texas Instruments 595D336X06R3A2T Datasheet HTML 7Page - Texas Instruments 595D336X06R3A2T Datasheet HTML 8Page - Texas Instruments 595D336X06R3A2T Datasheet HTML 9Page - Texas Instruments 595D336X06R3A2T Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPS60111
REGULATED 5V 150mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS216B − JUNE 1999 − JUNE 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
IO − Output Current − mA
5
4.9
4.8
4.7
110
5.1
5.2
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
5.3
100
1000
V(SKIP) = 0 V
VIN = 4 V
VIN = 3.6 V
VIN = 3 V
VIN = 2.7 V
VIN = 5.4 V
Figure 10
IO − Output Current − mA
5
4.9
4.8
4.7
110
5.1
5.2
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
5.3
100
1000
V(SKIP) = VIN
VIN = 4 V
VIN = 3.6 V
VIN = 3 V
VIN = 2.7 V
VIN = 5.4 V
Figure 11
5.04
4.98
4.94
4.9
5.06
5.08
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
5.1
5.02
5
4.96
4.92
VIN − Input Voltage − V
V(SKIP) = 0 V
2.5
3
3.5
4
4.5
5.5
5
IO = 1 mA to 10 mA
IO = 150 mA
Figure 12
5.04
4.98
4.94
4.9
5.06
5.08
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
5.1
5.02
5
4.96
4.92
VIN − Input Voltage − V
2.5
3
3.5
4
4.5
5.5
5
V(SKIP) = VIN
IO = 1 mA to 150 mA
†TC = 25°C, VCOM = VSYNC = 0 V, CIN = 15 µF, C1F and C2F = 2.2 µF (X7R ceramic), CO = 33 µF, unless otherwise noted


Similar Part No. - 595D336X06R3A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D336X-004A2T VISHAY-595D336X-004A2T Datasheet
115Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Revision: 04-Sep-06
595D336X-004B2T VISHAY-595D336X-004B2T Datasheet
115Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Revision: 04-Sep-06
595D336X-010A2T VISHAY-595D336X-010A2T Datasheet
115Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Revision: 04-Sep-06
595D336X-010B2T VISHAY-595D336X-010B2T Datasheet
115Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Revision: 04-Sep-06
595D336X-016B2T VISHAY-595D336X-016B2T Datasheet
115Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Revision: 04-Sep-06
More results

Similar Description - 595D336X06R3A2T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60111 TI-TPS60111_15 Datasheet
978Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM3110 HMSEMI-HM3110 Datasheet
417Kb / 6P
   Low noise charge pump DC/DC converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com