Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D226X06R3A2T Datasheet(PDF) 1 Page - Texas Instruments

Part # 595D226X06R3A2T
Description  REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

595D226X06R3A2T Datasheet(HTML) 1 Page - Texas Instruments

  595D226X06R3A2T Datasheet HTML 1Page - Texas Instruments 595D226X06R3A2T Datasheet HTML 2Page - Texas Instruments 595D226X06R3A2T Datasheet HTML 3Page - Texas Instruments 595D226X06R3A2T Datasheet HTML 4Page - Texas Instruments 595D226X06R3A2T Datasheet HTML 5Page - Texas Instruments 595D226X06R3A2T Datasheet HTML 6Page - Texas Instruments 595D226X06R3A2T Datasheet HTML 7Page - Texas Instruments 595D226X06R3A2T Datasheet HTML 8Page - Texas Instruments 595D226X06R3A2T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPS60101
REGULATED 3.3V 100mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS214B − JUNE 1999 − REVISED AUGUST 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Up to 100-mA Output Current
D Less Than 5-mVpp Output Voltage Ripple
D No Inductors Required/Low EMI
D Regulated 3.3-V ±4% Output
D Only Four External Components Required
D Up to 90% Efficiency
D 1.8-V to 3.6-V Input Voltage Range
D 50-µA Quiescent Supply Current
D 0.05-µA Shutdown Current
D Load Isolated in Shutdown
D Space-Saving Thermally-Enhanced TSSOP
PowerPAD
 Package
D Evaluation Module Available
(TPS60100EVM−131)
applications
Replaces DC/DC Converters With Inductors in
− Battery-Powered Applications
− Two Battery Cells to 3.3-V Conversion
− Portable Instruments
− Battery-Powered Microprocessor and
DSP Systems
− Miniature Equipment
− Backup-Battery Boost Converters
− PDAs
− Laptops
− Handheld Instrumentation
− Medical Instruments
− Cordless Phones
description
The TPS60101 step-up, regulated charge pump
generates a 3.3-V
±4% output voltage from a
1.8-V to 3.6-V input voltage (two alkaline, NiCd, or
NiMH batteries). Output current is 100 mA from a
2-V input. Only four external capacitors are
needed to build a complete low-noise dc/dc
converter. The push-pull operating mode of two
single-ended charge pumps assures the low
output voltage ripple as current is continuously
transferred to the output. From a 2-V input, the
TPS60101 can start into full load with loads as low
as 33
Ω.
The TPS60101 features either constant frequen-
cy mode to minimize noise and output voltage
ripple or the power-saving pulse-skip mode to
extend battery life at light loads. The TPS60101
switching frequency is 300 kHz. The logic
shutdown function reduces the supply current to
1-
µA (max) and disconnects the load from the
input. Special current-control circuitry prevents
excessive current from being drawn from the
battery during start-up. This DC/DC converter
requires no inductors and has low EMI. It is
available in the small 20-pin TSSOP PowerPAD
package (PWP).
Copyright
 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments Incorporated.
output voltage ripple
typical operating circuit
Figure 1
3.45
10
3.25
3.3
3.35
3.4
3.05
3.1
3.15
3.2
5
01
23
4
6
7
8
9
t − Time −
µs
SKIP =COM = 3V8 = 0 V
VIN = 2.4 V
VO = 3.3 V
IO = 100 mA
CO = 22 µF
X5R Ceramic
IN
IN
C1+
C1−
ENABLE
OUT
OUT
FB
C2+
C2−
SYNC
SKIP COM 3V8
PGND GND
INPUT
1.8 V to
3.6 V
CIN
4.7
µF
OUTPUT
3.3 V
100 mA
CO
10
µF
C2F
1
µF
C1F
1
µF
+
OFF/ON
TPS60101
+


Similar Part No. - 595D226X06R3A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results

Similar Description - 595D226X06R3A2T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60101 TI-TPS60101_15 Datasheet
496Kb / 24P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com