Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS5240F-8N5 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS5240F-8N5
Description  High-Speed Secure Microcontroller
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5240F-8N5 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS5240F-8N5 Datasheet HTML 1Page - Dallas Semiconductor DS5240F-8N5 Datasheet HTML 2Page - Dallas Semiconductor DS5240F-8N5 Datasheet HTML 3Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
041802
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple
revisions of any device may be simultaneously available through various sales channels. For information about DS5240 device
errata, contact the factory.
FEATURES
§
Security features
− Designed to meet the physical security requirements
of FIPS140 and Common Criteria certifications
− Fine-line, top-level metal pattern detects intrusion of
the chip’s cryptographic boundary
− Additional on-chip sensors detect out-of-range
environmental conditions that generate a tamper
response
− The equipment enclosure can be monitored by
tamper response inputs for added protection
− Fast write SRAM technology causes rapid
“zeroization” of secure information as a tamper
response
− Eavesdropping on the external memory bus
prevented by single or triple -DES encryption of the
programs
− Internal chip clock isolated from external system
clock by phase-locked loop
− Asynchronous internal ring oscillator provides clock
for arithmetic operations
− Resources inside cryptographic boundary include:
− Modulo Arithmetic Accelerator (MAA) for up to
4096-bit (e.g., PKI)
− DES and 112-bit key triple-DES engines
available for secret key cryptography
− Random number generator
− Memory Management Unit and 1kB cache
− Firmware bootstrap loader resides in a 16kB
factory-programmed ROM
§
8051 compatible with expanded addressing
− Linear address space directly accesses up to 8MB
of external memory
− Dedicated memory and parallel I/O bus saves port
pins
Four 8-bit ports, one 6-bit port
§
Advanced features
− CRC-16/32 generator provides strong error
detection of memory contents
− True-time clock with alarm interrupt and wake-up
− 5kB internal SRAM with 1kB that can be allocated
to a stack for high-level language support
− Programmable length MOVX instructions allow a
combination of fast and slow devices
− On-chip power detection/selection circuits provide
power-up/down processor reset and early-warning
power-fail interrupt
− Watchdog timer
§
Proven 4-clock/machine cycle architecture
− Single-cycle instruction executes in 160ns
− Runs up to 25MHz clock rates
− Dual data pointers can increment or decrement
independently
Automatic data pointer selection available
DS5240
High-Speed Secure Microcontroller
An NDA is required for full disclosure of details. Contact factory.
www.maxim-ic.com
DS5240
(Top View)
1
100
30
31
50
51
80
81
100-pin QFP
DS5240
(Top View)
80-pin QFP
1
24
25
40
41
64
65
80


Similar Part No. - DS5240F-8N5

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS52 LUMILEDS-DS52 Datasheet
250Kb / 8P
   power light source LUXEON짰 Portable PWT
logo
Tyco Electronics
DS52-0001 MACOM-DS52-0001 Datasheet
185Kb / 2P
   Low Cost Two-Way SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0001 MA-COM-DS52-0001 Datasheet
116Kb / 4P
   Low Cost Two-Way SMT Power Divider 824-960 MHz
logo
Tyco Electronics
DS52-0001-RTR MACOM-DS52-0001-RTR Datasheet
185Kb / 2P
   Low Cost Two-Way SMT Power Divider 824-960 MHz
DS52-0001-TR MACOM-DS52-0001-TR Datasheet
185Kb / 2P
   Low Cost Two-Way SMT Power Divider 824-960 MHz
More results

Similar Description - DS5240F-8N5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS5250 DALLAS-DS5250_04 Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
DS5250-DS5250F DALLAS-DS5250-DS5250F Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
logo
ATMEL Corporation
AT90SC6464C-USB ATMEL-AT90SC6464C-USB Datasheet
55Kb / 4P
   Secure Microcontroller
logo
Maxim Integrated Produc...
MAXQ1103 MAXIM-MAXQ1103 Datasheet
64Kb / 2P
   High-Performance Secure RISC Microcontroller
Rev 3; 1/10
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_1 Datasheet
95Kb / 14P
   Secure Microcontroller Module
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
   Secure Microcontroller Module
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
   Secure Microcontroller Module
logo
Maxim Integrated Produc...
MAXQ1103 MAXIM-MAXQ1103_11 Datasheet
64Kb / 2P
   High-Performance Secure RISC Microcontroller Security Features
Rev 4; 3/11
logo
ATMEL Corporation
AT90SC6464C ATMEL-AT90SC6464C Datasheet
126Kb / 2P
   Secure Microcontroller for Smart Cards
AT90SC288144RU ATMEL-AT90SC288144RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com