Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3832C-311 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS3832C-311
Description  3.3V, 32Mb Advanced NV SRAM with Clock
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3832C-311 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS3832C-311 Datasheet HTML 6Page - Dallas Semiconductor DS3832C-311 Datasheet HTML 7Page - Dallas Semiconductor DS3832C-311 Datasheet HTML 8Page - Dallas Semiconductor DS3832C-311 Datasheet HTML 9Page - Dallas Semiconductor DS3832C-311 Datasheet HTML 10Page - Dallas Semiconductor DS3832C-311 Datasheet HTML 11Page - Dallas Semiconductor DS3832C-311 Datasheet HTML 12Page - Dallas Semiconductor DS3832C-311 Datasheet HTML 13Page - Dallas Semiconductor DS3832C-311 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DS3832C-311
10 of 18
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3 to +4.6 V
Operating Temperature Range
-40
°C to +85°C
Storage Temperature Range
-40
°C to +85°C
Soldering Temperature
See IPC/JEDEC J-STD-020A Specification
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Voltage
VCC
3.0
3.3
3.6
V
1
Logic 1 Input Voltage
VIH
2.2
VCC
V1
Logic 0 Input Voltage
VIL
0
0.6
V
1
DC ELECTRICAL CHARACTERISTICS (TA = -40
°C to +85°C; VCC= 3.3V ± 0.3V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-5
5
mA
I/O Leakage Current
IIO
-1
1
mA
Output Current at 2.4V
IOH
-1
mA
Output Current at 0.4V
IOL
2mA
Standby Current
(All CE = VIH)
ICCS1
57
mA
Standby Current
(All CE = VCC - 0.3V)
ICCS2
25
mA
Operating Current
(One CE = VIL)
ICCO1
50
mA
4
Operating Current
(All CE = VIL)
ICCO2
200
mA
4
Write Protection
Voltage
VTP
2.8
2.9
3.0
V
CAPACITANCE
(TA = +25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance:
A19 to A0, OE
CIN
25
50
pF
Input Capacitance: CE3 –
CE0
, WE3 – WE0 , CEC ,
WEC , OEC
CIN
510
pF
I/O Capacitance:
DQ31–DQ0,
DQC7–DQC0
CI/O
510
pF
Output Capacitance: BW ,
INT
COUT
510
pF


Similar Part No. - DS3832C-311

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3800 DALLAS-DS3800 Datasheet
26Kb / 2P
   Advanced NV SRAM Battery Cap
logo
TT Electronics.
DS3801 TTELEC-DS3801 Datasheet
277Kb / 1P
   Mains Interface Relay Module
logo
Dallas Semiconductor
DS3802 DALLAS-DS3802 Datasheet
98Kb / 2P
   Advanced NV SRAM Battery
DS3803 DALLAS-DS3803 Datasheet
231Kb / 10P
   1024k Flexible NV SRAM SIMM
logo
Maxim Integrated Produc...
DS3803 MAXIM-DS3803 Datasheet
584Kb / 10P
   1024 Flexible NV SRAM SIMM
112299
More results

Similar Description - DS3832C-311

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
DS1244 ARTSCHIP-DS1244 Datasheet
446Kb / 16P
   NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1243Y MAXIM-DS1243Y Datasheet
521Kb / 14P
   64K NV SRAM with Phantom Clock
Rev 11/11
logo
Dallas Semiconductor
DS1251 DALLAS-DS1251 Datasheet
291Kb / 22P
   4096k NV SRAM with Phantom Clock
DS3802 DALLAS-DS3802 Datasheet
98Kb / 2P
   Advanced NV SRAM Battery
DS1248 DALLAS-DS1248 Datasheet
285Kb / 21P
   1024k NV SRAM with Phantom Clock
DS1244Y DALLAS-DS1244Y Datasheet
94Kb / 12P
   256K NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1251 MAXIM-DS1251 Datasheet
639Kb / 20P
   4096K NV SRAM with Phantom Clock
Rev 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com