Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS542941RSAR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS542941RSAR
Description  2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS542941RSAR Datasheet(HTML) 4 Page - Texas Instruments

  TPS542941RSAR Datasheet HTML 1Page - Texas Instruments TPS542941RSAR Datasheet HTML 2Page - Texas Instruments TPS542941RSAR Datasheet HTML 3Page - Texas Instruments TPS542941RSAR Datasheet HTML 4Page - Texas Instruments TPS542941RSAR Datasheet HTML 5Page - Texas Instruments TPS542941RSAR Datasheet HTML 6Page - Texas Instruments TPS542941RSAR Datasheet HTML 7Page - Texas Instruments TPS542941RSAR Datasheet HTML 8Page - Texas Instruments TPS542941RSAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS542941
SLVSBI3B – JULY 2012 – REVISED OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (continued)
over recommended free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWER GOOD
PG from lower VOx (going high)
84%
VPGTH
PGx threshold
PG from higher VOx (going low)
116%
RPG
PGx pull-down resistance
VPGx = 0.5 V
50
75
110
Ω
Delay for PGx going high
1.5
ms
TPGDLY
PGx delay time
Delay for PGx going low
2
µs
TPGCOMPSS
PGx comparator start-up delay
PGx comparator wake-up delay
1.5
ms
UVLO
VREG5 rising
3.83
VUVREG5
VREG5 UVLO threshold
V
Hysteresis
0.6
LOGIC THRESHOLDs
VENH
ENx H-level threshold voltage
2.0
V
VENL
ENx L-level threshold voltage
0.4
V
RENx_IN
ENx input resistance
ENx = 12 V
225
450
900
k
Ω
CURRENT LIMITs
IOCL1
CH1 Current limit
LOUT1 = 2.2 µH
(3)
2.7
3.9
4.5
A
IOCL2
CH2 Current limit
LOUT2 = 1.5 µH
(3)
3.5
4.7
5.4
A
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION (UVP, OVP)
VUVP
Output UVP trip threshold
measured on VFBx
63%
68%
73%
TUVPDEL
Output UVP delay time
1.5
ms
TUVPEN
Output UVP enable delay
1.5
ms
THERMAL SHUTDOWN
Shutdown temperature(3)
155
TSD
Thermal shutdown threshold
°C
Hysteresis(3)
25
(3)
Specified by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS542941


Similar Part No. - TPS542941RSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941PWP TI1-TPS542941PWP Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941PWPR TI1-TPS542941PWPR Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI-TPS542941_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS542941RSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI-TPS542941_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com