Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4261-35JC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C4261-35JC
Description  16K/32K x 9 Deep Sync FIFOs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4261-35JC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C4261-35JC Datasheet HTML 5Page - Cypress Semiconductor CY7C4261-35JC Datasheet HTML 6Page - Cypress Semiconductor CY7C4261-35JC Datasheet HTML 7Page - Cypress Semiconductor CY7C4261-35JC Datasheet HTML 8Page - Cypress Semiconductor CY7C4261-35JC Datasheet HTML 9Page - Cypress Semiconductor CY7C4261-35JC Datasheet HTML 10Page - Cypress Semiconductor CY7C4261-35JC Datasheet HTML 11Page - Cypress Semiconductor CY7C4261-35JC Datasheet HTML 12Page - Cypress Semiconductor CY7C4261-35JC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CY7C4261
CY7C4271
Document #: 38-06015 Rev. *B
Page 9 of 18
Notes:
16. The clocks (RCLK, WCLK) can be free-running during reset.
17. After reset, the outputs will be LOW if OE = 0 and three-state if OE=1.
18. Holding WEN2/LD HIGH during reset will make the pin act as a second enable pin. Holding WEN2/LD LOW during reset will make the pin act as a load enable for the
programmable flag offset registers.
19. When tSKEW1 > minimum specification, tFRL (maximum) = tCLK + tSKEW2. When tSKEW2 < minimum specification, tFRL (maximum) = either 2*tCLK + tSKEW1 or tCLK + tSKEW1.
The Latency Timing applies only at the Empty Boundary (EF = LOW).
20. The first word is available the cycle after EF goes HIGH, always.
Switching Waveforms (continued)
Reset Timing
tRS
tRSR
Q0- Q8
RS
tRSF
tRSF
tRSF
OE=1
OE=0
REN1,
REN2
EF,PAE
FF,PAF
tRSS
tRSR
tRSS
tRSR
tRSS
WEN2/LD
WEN1
[16]
[18]
[17]
D0(FIRST VALID WRITE)
First Data Word Latency after Reset with Read and Write
tSKEW1
WEN1
WCLK
Q0 –Q8
EF
REN1,
REN2
OE
tOE
tENS
tOLZ
tDS
RCLK
tREF
tA
tFRL
D1
D2
D3
D4
D0
D1
D0 –D8
tA
WEN2
(if applicable)
[19]
[20]


Similar Part No. - CY7C4261-35JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261-35JC CYPRESS-CY7C4261-35JC Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
More results

Similar Description - CY7C4261-35JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4275 CYPRESS-CY7C4275 Datasheet
281Kb / 21P
   32K/64Kx18 Deep Sync FIFOs
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com