Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54495RSAT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54495RSAT
Description  4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54495RSAT Datasheet(HTML) 5 Page - Texas Instruments

  TPS54495RSAT Datasheet HTML 1Page - Texas Instruments TPS54495RSAT Datasheet HTML 2Page - Texas Instruments TPS54495RSAT Datasheet HTML 3Page - Texas Instruments TPS54495RSAT Datasheet HTML 4Page - Texas Instruments TPS54495RSAT Datasheet HTML 5Page - Texas Instruments TPS54495RSAT Datasheet HTML 6Page - Texas Instruments TPS54495RSAT Datasheet HTML 7Page - Texas Instruments TPS54495RSAT Datasheet HTML 8Page - Texas Instruments TPS54495RSAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SW1
VIN1
VBST 1
EN1
VFB2
VFB1
GND
VREG5
PGND1
6
VIN2
VBST2
EN2
SW 2
SS1
5
1
3
SS2
9
10
11
PGND 2
2
4
7
13
12
14
8
15
16
TPS54495
HTSSOP16
PowerPAD
PowerPAD
VFB1
VFB2
VIN1
VBST2
VBST1
14
7
5
6
2
3
4
1
VIN2
13
12
11
9
8
10
GND
16
15
VREG5
TPS54495
www.ti.com
SLVSBH0A – JUNE 2012 – REVISED MAY 2013
DEVICE INFORMATION
PWP PACKAGE (TOP VIEW)
RSA PACKAGE (TOP VIEW)
PIN FUNCTIONS(1)
PIN
I/O
DESCRIPTION
NAME
PWP
RSA
VIN1
1
3
I
Power inputs and connects to both high side NFET drains.
Supply Input for 5.5 V linear regulator.
VIN2
16
2
I
VBST1
2
4
I
Supply input for high-side NFET gate drive circuit. Connect 0.1 µF ceramic
capacitor between VBSTx and SWx pins. An internal diode is connected
VBST2
15
1
I
between VREG5 and VBSTx
SW1
3
5
I/O
Switch node connections for both the high-side NFETs and low–side NFETs.
Input of current comparator.
SW2
14
16
I/O
PGND1
4
6
I/O
Ground returns for low-side MOSFETs. Input of current comparator.
PGND2
13
15
I/O
EN1
5
7
I
Enable. Pull High to enable according converter.
EN2
12
14
I
SS1
6
8
O
Soft-Start Programming Pin. Connect Capacitor from SSx pin to GND to
program Soft-Start time.
SS2
11
13
O
VFB1
7
9
I
D-CAP2 feedback inputs. Connect to output voltage with resistor divider.
VFB2
10
12
I
Signal GND. Connect sensitive SSx and VFBx returns to GND at a single
GND
8
10
I/O
point.
Output of 5.5 V linear regulator. Bypass to GND with a high-quality ceramic
VREG5
9
11
O
capacitor of at least 1 µF. VREG5 is active when VIN1 is added.
Exposed Thermal
Thermal pad of the package. Must be soldered to achieve appropriate
Back side
Back side
I/O
Pad
dissipation. Must be connected to GND.
(1)
x means either 1 or 2, that is. VFBx means VFB1 or VFB2.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54495


Similar Part No. - TPS54495RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54495 TI1-TPS54495 Datasheet
932Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495PWP TI1-TPS54495PWP Datasheet
932Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495PWPR TI1-TPS54495PWPR Datasheet
932Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI-TPS54495_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS54495RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54494 TI-TPS54494_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI1-TPS54494_16 Datasheet
979Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI1-TPS54494 Datasheet
923Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI1-TPS54495 Datasheet
932Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI-TPS54495_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com