Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54495PWP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54495PWP
Description  4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54495PWP Datasheet(HTML) 4 Page - Texas Instruments

  TPS54495PWP Datasheet HTML 1Page - Texas Instruments TPS54495PWP Datasheet HTML 2Page - Texas Instruments TPS54495PWP Datasheet HTML 3Page - Texas Instruments TPS54495PWP Datasheet HTML 4Page - Texas Instruments TPS54495PWP Datasheet HTML 5Page - Texas Instruments TPS54495PWP Datasheet HTML 6Page - Texas Instruments TPS54495PWP Datasheet HTML 7Page - Texas Instruments TPS54495PWP Datasheet HTML 8Page - Texas Instruments TPS54495PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TPS54495
SLVSBH0A – JUNE 2012 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (continued)
over recommended free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
UVLO
VREG5 rising
3.83
VUVREG5
VREG5 UVLO threshold
V
Hysteresis
0.6
LOGIC THRESHOLDs
VENxH
ENx H-level threshold voltage
2.0
V
VENxL
ENx L-level threshold voltage
0.4
V
RENx_IN
ENx input resistance
ENx = 12V
225
450
900
k
Ω
CURRENT LIMITs
IOCL1
CH1 Current limit
LOUT1 = 2.2 µH
(3)
4.5
5.7
7.0
A
IOCL2
CH1 Current limit
LOUT2 = 1.5 µH
(3)
2.8
3.9
5.0
A
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION (UVP, OVP)
VUVP
Output UVP trip threshold
measured on VFBx
63%
68%
73%
TUVPDEL
Output UVP delay time
1.5
ms
TUVPEN
Output UVP enable delay
UVP enable delay / softstart time
x 1.4
x 1.7
x 2.0
THERMAL SHUTDOWN
Shutdown temperature(3)
155
TSD
Thermal shutdown threshold
°C
Hysteresis(3)
25
(3)
Specified by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS54495


Similar Part No. - TPS54495PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54495PWP TI1-TPS54495PWP Datasheet
932Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495PWPR TI1-TPS54495PWPR Datasheet
932Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS54495PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54494 TI-TPS54494_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI1-TPS54494_16 Datasheet
979Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI1-TPS54494 Datasheet
923Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI1-TPS54495 Datasheet
932Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI-TPS54495_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com