Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C245A-35DMB Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C245A-35DMB
Description  2K x 8 Reprogrammable Registered PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C245A-35DMB Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C245A-35DMB Datasheet HTML 1Page - Cypress Semiconductor CY7C245A-35DMB Datasheet HTML 2Page - Cypress Semiconductor CY7C245A-35DMB Datasheet HTML 3Page - Cypress Semiconductor CY7C245A-35DMB Datasheet HTML 4Page - Cypress Semiconductor CY7C245A-35DMB Datasheet HTML 5Page - Cypress Semiconductor CY7C245A-35DMB Datasheet HTML 6Page - Cypress Semiconductor CY7C245A-35DMB Datasheet HTML 7Page - Cypress Semiconductor CY7C245A-35DMB Datasheet HTML 8Page - Cypress Semiconductor CY7C245A-35DMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY7C245A
Document #: 38-04007 Rev. *D
Page 4 of 12
Maximum Ratings[2]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
..................................... −65°C to +150°C
Ambient Temperature with
Power Applied
.................................................. −55°C to +125°C
Supply Voltage to Ground Potential
(Pin 24 to Pin 12)
.................................................−0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State
.....................................................−0.5V to +7.0V
DC Input Voltage
.................................................−3.0V to +7.0V
DC Program Voltage (Pins 7, 18, 20) ........................... 13.0V
UV Erasure ................................................... 7258 Wsec/cm2
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current..................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
5V
±10%
Military[3]
−55°C to +125°C
5V
±10%
Industrial
–40°C to +85°C
5V ±10%
Electrical Characteristics Over the Operating Range[4,5]
Parameter
Description
Test Conditions
7C245A-15
7C245A-18
7C245A-25
7C245A-35
7C245A-45
Unit
Min.
Max.
Min. Max. Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = −4.0 mA
VIN = VIH or VIL
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 16 mA
VIN = VIH or VIL
0.4
0.4
0.4
V
VIH
Input HIGH Level
Guaranteed Input Logical
HIGH Voltage for All Inputs
2.0
VCC
2.0
VCC
2.0
VCC
V
VIL
Input LOW Level
Guaranteed Input Logical
LOW Voltage for All Inputs
0.8
0.8
0.8
V
IIX
Input Leakage Current
GND < VIN < VCC
−10
+10
−10
+10
−10
+10
µA
VCD
Input Clamp Diode Voltage
Note 5
IOZ
Output Leakage Current
GND < VO < VCC Output
Disabled[6]
−10
+10
−10
+10
−10
+10
µA
IOS
Output Short Circuit Current
VCC = Max., VOUT = 0.0V
[7]
−20
−90
−20
−90
−20
−90
mA
ICC
Power Supply Current
VCC = Max.,
IOUT = 0 mA
Com’l
120
120
90
mA
Mil
120
120
VPP
Programming Supply Voltage
12
13
12
13
12
13
V
IPP
Programming Supply Current
50
50
50
mA
VIHP
Input HIGH Programming Voltage
3.0
3.0
3.0
V
VILP
Input LOW Programming Voltage
0.4
0.4
0.4
V
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF
Notes:
2. The voltage on any input or I/O pin cannot exceed the power pin during power-up.
3. TA is the “instant on” case temperature.
4. See page 3 of this data sheet for Group A subgroup testing information.
5. See the “Introduction to CMOS PROMs” section of the Cypress Data Book for general information on testing.
6. For devices using the synchronous enable, the device must be clocked after applying these voltages to perform this measurement.
7. For test purposes, not more than one output at a time should be shorted. Short circuit test duration should not exceed 30 seconds.


Similar Part No. - CY7C245A-35DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C245A-35QMB CYPRESS-CY7C245A-35QMB Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
CY7C245A-35WC CYPRESS-CY7C245A-35WC Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
More results

Similar Description - CY7C245A-35DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
STMicroelectronics
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
   MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
STMicroelectronics
WS57C45 STMICROELECTRONICS-WS57C45 Datasheet
78Kb / 9P
   HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com