Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54372PWPRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54372PWPRG4
Description  3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54372PWPRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54372PWPRG4 Datasheet HTML 1Page - Texas Instruments TPS54372PWPRG4 Datasheet HTML 2Page - Texas Instruments TPS54372PWPRG4 Datasheet HTML 3Page - Texas Instruments TPS54372PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS54372PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS54372PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS54372PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS54372PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS54372PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AGND
VSENSE
COMP
STATUS
BOOT
PH
PH
PH
PH
PH
RT
ENA
REFIN
VBIAS
VIN
VIN
VIN
PGND
PGND
PGND
TPS54372
SLVS430D – JUNE 2002 – REVISED FEBRUARY 2005
HTTSOP PowerPAD
(TOP VIEW)
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
AGND
1
Analog ground. Return for compensation network/output divider, slow-start capacitor, VBIAS capacitor, and RT
resistor. Connect PowerPAD connection to AGND.
BOOT
5
Bootstrap output. 0.022-µF to 0.1-µF low-ESR capacitor connected from BOOT to PH generates floating drive for the
high-side FET driver.
COMP
3
Error amplifier output. Connect frequency compensation network from COMP to VSENSE
ENA
19
Enable input. Logic high enables oscillator, PWM control and MOSFET driver circuits. Logic low disables operation
and places device in a low quiescent current state.
PGND
11-13
Power ground. High current return for the low-side driver and power MOSFET. Connect PGND with large copper
areas to the input and output supply returns, and negative terminals of the input and output capacitors. A single-point
connection to AGND is recommended.
PH
6-10
Phase input/output. Junction of the internal high-side and low-side power MOSFETs, and output inductor.
RT
20
Frequency setting resistor input. Connect a resistor from RT to AGND to set the switching frequency, fs.
REFIN
18
External reference input. High impedance input to slow-start and error amplifier circuits.
STATUS
4
Open-drain output. Asserted low when VIN < UVLO, VBIAS and internal reference are not settled or the internal
shutdown signal is active. Otherwise STATUS is high.
VBIAS
17
Internal bias regulator output. Supplies regulated voltage to internal circuitry. Bypass VBIAS pin to AGND pin with a
high quality, low-ESR 0.1-µF to 1.0-µF ceramic capacitor.
VIN
14-16
Input supply for the power MOSFET switches and internal bias regulator. Bypass VIN pins to PGND pins close to
device package with a high-quality, low-ESR 10-µF ceramic capacitor.
VSENSE
2
Error amplifier inverting input. Connect to output voltage compensation network/output divider.
5


Similar Part No. - TPS54372PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54372PWPRG4 TI-TPS54372PWPRG4 Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54372PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54372-Q1 TI1-TPS54372-Q1 Datasheet
334Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372 TI-TPS54372 Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54972 TI1-TPS54972_12 Datasheet
578Kb / 19P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI-TPS54872 Datasheet
267Kb / 17P
[Old version datasheet]   8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI1-TPS54872_16 Datasheet
688Kb / 22P
[Old version datasheet]   8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54672 TI1-TPS54672 Datasheet
667Kb / 20P
[Old version datasheet]   6-A OUTPUT ACTIVE BUS TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54680 TI1-TPS54680_16 Datasheet
816Kb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54380 TI-TPS54380 Datasheet
250Kb / 15P
[Old version datasheet]   3-V TO 6-V INPUT 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com