Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54355PWPR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54355PWPR
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54355PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54355PWPR Datasheet HTML 2Page - Texas Instruments TPS54355PWPR Datasheet HTML 3Page - Texas Instruments TPS54355PWPR Datasheet HTML 4Page - Texas Instruments TPS54355PWPR Datasheet HTML 5Page - Texas Instruments TPS54355PWPR Datasheet HTML 6Page - Texas Instruments TPS54355PWPR Datasheet HTML 7Page - Texas Instruments TPS54355PWPR Datasheet HTML 8Page - Texas Instruments TPS54355PWPR Datasheet HTML 9Page - Texas Instruments TPS54355PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
TPS54352,TPS54353
TPS54354,TPS54355
TPS54356,TPS54357
SLVS519A − MAY 2004 − REVISED OCTOBER 2004
www.ti.com
6
ELECTRICAL CHARACTERISTICS (CONTINUED)
TJ = –40°C to 125°C, VIN = 4.5 V to 20 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
Current limit
VIN = 12 V
3.3
4.5
6.5
A
Current limit hiccup time (1)
fs = 500 kHz
4.5
ms
THERMAL SHUTDOWN
Thermal shutdown trip point (1)
165
_C
Thermal shutdown hysteresis (1)
7
_C
LOW SIDE MOSFET DRIVER (LSG PIN)
Turn on rise time, (10%/90%) (1)
VIN = 4.5 V, Capacitive load = 1000 pF
15
ns
Deadtime (1)
VIN = 12 V
60
ns
Driver ON resistance
VIN = 4.5 V sink/source
7.5
Driver ON resistance
VIN = 12 V sink/source
5
OUTPUT POWER MOSFETS (PH PIN)
Phase node voltage when disabled
DC conditions and no load, ENA = 0 V
0.5
V
Voltage drop, low side FET and diode
VIN = 4.5 V, Idc = 100 mA
1.13
1.42
V
Voltage drop, low side FET and diode
VIN = 12 V, Idc = 100 mA
1.08
1.38
V
rDS(ON)
High side power MOSFET switch (2)
VIN = 4.5 V, BOOT−PH = 4.5 V, IO = 0.5 A
150
300
m
rDS(ON)
High side power MOSFET switch (2)
VIN = 12 V, BOOT−PH = 8 V, IO = 0.5 A
100
200
m
(1) Ensured by design, not production tested.
(2) Resistance from VIN to PH pins.


Similar Part No. - TPS54355PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54355PWPR TI-TPS54355PWPR Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54355PWPRG4 TI-TPS54355PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
More results

Similar Description - TPS54355PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54352PWPRG4 TI-TPS54352PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54352 TI-TPS54352 Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com