Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54362-HT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54362-HT
Description  1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54362-HT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54362-HT Datasheet HTML 3Page - Texas Instruments TPS54362-HT Datasheet HTML 4Page - Texas Instruments TPS54362-HT Datasheet HTML 5Page - Texas Instruments TPS54362-HT Datasheet HTML 6Page - Texas Instruments TPS54362-HT Datasheet HTML 7Page - Texas Instruments TPS54362-HT Datasheet HTML 8Page - Texas Instruments TPS54362-HT Datasheet HTML 9Page - Texas Instruments TPS54362-HT Datasheet HTML 10Page - Texas Instruments TPS54362-HT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
1000
10000
100000
1000000
10000000
120
140
160
180
200
Operating Junction Temperature ( °C)
TPS54362-HT
www.ti.com
SLVSBI9 – SEPTEMBER 2012
(1)
See data sheet for absolute maximum and minimum recommended operating conditions.
(2)
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
(3)
The predicted operating lifetime vs. junction temperature is based on reliability modeling using electromigration as the
dominant failure mechanism affecting device wearout for the specific device process and design characteristics.
(4)
This device is qualified for 1000 hours of continuous operation at maximum rated temperature.
Figure 1. Electromigration Fail Mode Derating Chart
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links : TPS54362-HT


Similar Part No. - TPS54362-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54362-HT TI-TPS54362-HT_15 Datasheet
528Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
More results

Similar Description - TPS54362-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54362-HT TI-TPS54362-HT_15 Datasheet
528Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
TPS54162-Q1 TI1-TPS54162-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54162-Q1 TI-TPS54162-Q1_15 Datasheet
2Mb / 42P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54262-Q1 TI1-TPS54262-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   2-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54362-Q1 TI1-TPS54362-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
logo
Sanken electric
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
   3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
logo
Sanken electric
BR300 SANKEN-BR300 Datasheet
347Kb / 10P
   5 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Allegro MicroSystems
SPI-8010A ALLEGRO-SPI-8010A Datasheet
244Kb / 9P
   3 A, DC/DC Step-Down Converter
logo
Texas Instruments
LM3691 TI1-LM3691_15 Datasheet
2Mb / 29P
[Old version datasheet]   High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com