Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54361QDPRRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54361QDPRRQ1
Description  TPS54361-Q1 4.5-V to 60-V Input, 3.5-A, Step Down DC-DC Converter with Soft-Start and Eco-mode
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54361QDPRRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54361QDPRRQ1 Datasheet HTML 6Page - Texas Instruments TPS54361QDPRRQ1 Datasheet HTML 7Page - Texas Instruments TPS54361QDPRRQ1 Datasheet HTML 8Page - Texas Instruments TPS54361QDPRRQ1 Datasheet HTML 9Page - Texas Instruments TPS54361QDPRRQ1 Datasheet HTML 10Page - Texas Instruments TPS54361QDPRRQ1 Datasheet HTML 11Page - Texas Instruments TPS54361QDPRRQ1 Datasheet HTML 12Page - Texas Instruments TPS54361QDPRRQ1 Datasheet HTML 13Page - Texas Instruments TPS54361QDPRRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
SS/TR (mV)
0
100
200
300
400
500
600
700
800
0
100
200
300
400
500
600
700
800
900
D007
Junction Temperature (GC)
-50
-25
0
25
50
75
100
125
150
20
25
30
35
40
45
50
55
60
D006
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
D009
Junction Temperature (GC)
-50
-25
0
25
50
75
100
125
150
88
90
92
94
96
98
100
102
104
106
108
110
D008
FB
FB Falling
FB Rising
FB Falling
Junction Temperature (GC)
-50
-25
0
25
50
75
100
125
150
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
D011
BOOT-PH UVLO Falling
BOOT-PH UVLO Rising
Junction Temperature (GC)
-50
-25
0
25
50
75
100
125
150
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
4.5
D010
UVLO Start Switching
UVLO Stop Switching
TPS54361-Q1
SLVSCC4A – APRIL 2014 – REVISED APRIL 2014
www.ti.com
Typical Characteristics (continued)
Figure 19. BOOT-SW UVLO vs Junction Temperature
Figure 20. Input Voltage UVLO vs Junction Temperature
V(VIN) = 12 V
V(VIN) = 12 V
Figure 21. PWRGD On Resistance vs Junction Temperature
Figure 22. PWRGD Threshold vs Junction Temperature
V(VIN) = 12 V
25°C
V(VIN) = 12 V
V(FB) = 0.4 V
Figure 23. SS/TR to FB Offset vs FB
Figure 24. SS/TR to FB Offset vs Temperature
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS54361-Q1


Similar Part No. - TPS54361QDPRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54361 TI1-TPS54361 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54361DPRR TI1-TPS54361DPRR Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54361DPRT TI1-TPS54361DPRT Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54361 TI-TPS54361_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
More results

Similar Description - TPS54361QDPRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54361 TI-TPS54361_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
TPS54341 TI-TPS54341_15 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54561 TI-TPS54561_15 Datasheet
2Mb / 53P
[Old version datasheet]   TPS54561 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter with Soft-Start and Eco-mode?
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54541 TI-TPS54541_15 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54541 4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54561-Q1 TI-TPS54561-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode?
TPS54561-Q1 TI1-TPS54561-Q1_16 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com