Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54361-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54361-Q1
Description  TPS54361-Q1 4.5-V to 60-V Input, 3.5-A, Step Down DC-DC Converter with Soft-Start and Eco-mode
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54361-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54361-Q1 Datasheet HTML 4Page - Texas Instruments TPS54361-Q1 Datasheet HTML 5Page - Texas Instruments TPS54361-Q1 Datasheet HTML 6Page - Texas Instruments TPS54361-Q1 Datasheet HTML 7Page - Texas Instruments TPS54361-Q1 Datasheet HTML 8Page - Texas Instruments TPS54361-Q1 Datasheet HTML 9Page - Texas Instruments TPS54361-Q1 Datasheet HTML 10Page - Texas Instruments TPS54361-Q1 Datasheet HTML 11Page - Texas Instruments TPS54361-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
Junction Temperature (GC)
-50
-25
0
25
50
75
100
125
150
-5.5
-5.3
-5.1
-4.9
-4.7
-4.5
-4.3
-4.1
-3.9
-3.7
-3.5
D019
Junction Temperature (GC)
-50
-25
0
25
50
75
100
125
150
-2.5
-2.3
-2.1
-1.9
-1.7
-1.5
-1.3
-1.1
-0.9
-0.7
-0.5
D018
Junction Temperature (GC)
-50
-25
0
25
50
75
100
125
150
20
30
40
50
60
70
80
90
100
110
120
D021
Junction Temperature (GC)
-50
-25
0
25
50
75
100
125
150
1.15
1.18
1.21
1.24
1.27
1.3
1.33
D020
Resistance at RT/CLK (k:)
0
50
100
150
200
0
500
1000
1500
2000
2500
D023
Junction Temperature (GC)
-50
-25
0
25
50
75
100
125
150
200
250
300
350
400
450
500
D022
TPS54361-Q1
SLVSCC4A – APRIL 2014 – REVISED APRIL 2014
www.ti.com
Typical Characteristics (continued)
V(VIN) = 12 V
Figure 7. Switching Frequency vs RT/CLK Resistance
Figure 8. EA Transconductance vs Junction Temperature
High Frequency Range
V(VIN) = 12 V
V(VIN) = 12 V
Figure 9. EA Transconductance During Soft-Start vs
Figure 10. EN Pin Voltage vs Junction Temperature
Junction Temperature
V(VIN) = 12 V
V(EN) = Threshold + 50 mV
V(VIN) = 12 V
V(EN) = Threshold – 50 mV
Figure 11. EN Pin Current vs Junction Temperature
Figure 12. EN Pin Current vs Junction Temperature
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS54361-Q1


Similar Part No. - TPS54361-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54361 TI1-TPS54361 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54361DPRR TI1-TPS54361DPRR Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54361DPRT TI1-TPS54361DPRT Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54361 TI-TPS54361_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
More results

Similar Description - TPS54361-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54361 TI-TPS54361_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
TPS54341 TI-TPS54341_15 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54561 TI-TPS54561_15 Datasheet
2Mb / 53P
[Old version datasheet]   TPS54561 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter with Soft-Start and Eco-mode?
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54541 TI-TPS54541_15 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54541 4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54561-Q1 TI-TPS54561-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode?
TPS54561-Q1 TI1-TPS54561-Q1_16 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com