Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54336ADDAR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54336ADDAR
Description  TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54336ADDAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54336ADDAR Datasheet HTML 6Page - Texas Instruments TPS54336ADDAR Datasheet HTML 7Page - Texas Instruments TPS54336ADDAR Datasheet HTML 8Page - Texas Instruments TPS54336ADDAR Datasheet HTML 9Page - Texas Instruments TPS54336ADDAR Datasheet HTML 10Page - Texas Instruments TPS54336ADDAR Datasheet HTML 11Page - Texas Instruments TPS54336ADDAR Datasheet HTML 12Page - Texas Instruments TPS54336ADDAR Datasheet HTML 13Page - Texas Instruments TPS54336ADDAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
10
TPS54335A, TPS54335-1A, TPS54336A
SLVSCD5D – NOVEMBER 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54335A TPS54335-1A TPS54336A
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The device is a 28-V, 3-A, synchronous step-down (buck) converter with two integrated n-channel MOSFETs. To
improve performance during line and load transients the device implements a constant-frequency, peak current-
mode control which reduces output capacitance and simplifies external frequency-compensation design.
The device has been designed for safe monotonic startup into pre-biased loads. The device has a typical default
startup voltage of 4 V. The EN pin has an internal pullup-current source that can provide a default condition when
the EN pin is floating for the device to operate. The total operating current for the device is 310 µA (typical) when
not switching and under no load. When the device is disabled, the supply current is less than 5 μA.
The integrated 128-m
Ω and 84-mΩ MOSFETs allow for high-efficiency power-supply designs with continuous
output currents up to 3 A.
The device reduces the external component count by integrating the boot recharge diode. The bias voltage for
the integrated high-side MOSFET is supplied by a capacitor between the BOOT and PH pins. The boot capacitor
voltage is monitored by an UVLO circuit and turns off the high-side MOSFET when the voltage falls below a
preset threshold. The output voltage can be stepped down to as low as the 0.8-V reference voltage.
The device minimizes excessive output overvoltage transients by taking advantage of the overvoltage power-
good comparator. When the regulated output voltage is greater than 106% of the nominal voltage, the
overvoltage comparator is activated, and the high-side MOSFET is turned off and masked from turning on until
the output voltage is lower than 104%.
The TPS54335A device has a wide switching frequency of 50 kHz to 1500 kHz which allows for efficiency and
size optimization when selecting the output filter components. The internal 2-ms soft-start time is implemented to
minimize inrush currents.
The TPS54336A device has a fixed 340-kHz switching frequency. The device adjusts the soft-start time with the
SS pin.


Similar Part No. - TPS54336ADDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54336ADDAR TI1-TPS54336ADDAR Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
More results

Similar Description - TPS54336ADDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54335A TI-TPS54335A_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
TPS54335-2A TI1-TPS54335-2A Datasheet
1Mb / 39P
[Old version datasheet]   TPS54335-2A 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS54302 TI1-TPS54302 Datasheet
1Mb / 28P
[Old version datasheet]   TPS54302 4.5-V to 28-V Input, 3-A Output, EMI Friendly Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
[Old version datasheet]   4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com