Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C245A-25SC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C245A-25SC
Description  2K x 8 Reprogrammable Registered PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C245A-25SC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C245A-25SC Datasheet HTML 1Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 2Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 3Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 4Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 5Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 6Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 7Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 8Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY7C245A
Document #: 38-04007 Rev. *D
Page 3 of 12
MILITARY SPECIFICATIONS
Group A Subgroup Testing
Note:
1. X = “don’t care” but not to exceed VCC + 5%.
Table 1. Mode Selection
Mode
Read or Output Disable
Pin Function[1]
A10–A4
A3
A2–A1
A0
CP
E, ES
INIT
O7–O0
Other
A10–A4
A3
A2–A1
A0
PGM
VFY
VPP
D7–D0
Read
A10–A4
A3
A2–A1
A0
VIL/VIH
VIL
VIH
O7–O0
Output Disable
A10–A4
A3
A2–A1
A0
XVIH
VIH
High Z
Initialize
A10–A4
A3
A2–A1
A0
XVIL
VIL
Init. Byte
Program
A10–A4
A3
A2–A1
A0
VILP
VIHP
VPP
D7–D0
Program Verify
A10–A4
A3
A2–A1
A0
VIHP
VILP
VPP
O7–O0
Program Inhibit
A10–A4
A3
A2–A1
A0
VIHP
VIHP
VPP
High Z
Intelligent Program
A10–A4
A3
A2–A1
A0
VILP
VIHP
VPP
D7–D0
Program Synchronous Enable
A10–A4
VIHP
A2–A1
VPP
VILP
VIHP
VPP
High Z
Program Initialization Byte
A10–A4
VILP
A2–A1
VPP
VILP
VIHP
VPP
D7–D0
Blank Check Zeros
A10–A4
A3
A2–A1
A0
VIHP
VILP
VPP
Zeros
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
24
23
22
21
13
14
A8
A7
A6
A5
A4
A3
A2
A1
A0
D0
D1
D2
GND
VCC
D7
D6
D4
D5
D3
15
A9
A10
VPP
VFY
PGM
28
4
5
6
7
8
9
10
32 1
27
1314151617
26
25
24
23
22
21
20
11
12
19
D0
18
NC
A0
A4
A3
D7
D6
A2
A1
A10
VPP
VFY
PGM
NC
DIP Top View
LCC/PLCC (Opaque Only) Top View
Figure 1. Programming Pinouts
DC Characteristics
Parameter
Subgroups
VOH
1, 2, 3
VOL
1, 2, 3
VIH
1, 2, 3
VIL
1, 2, 3
IIX
1, 2, 3
IOZ
1, 2, 3
ICC
1, 2, 3
SMD Cross Reference
SMD Number
Suffix
Cypress Number
5962-88735
033X
CY7C245A-25LMB
5962-88735
04LX
CY7C245A-25DMB
Switching Characteristics
Parameter
Subgroups
tSA
7, 8, 9, 10, 11
tHA
7, 8, 9, 10, 11
tCO
7, 8, 9, 10, 11


Similar Part No. - CY7C245A-25SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C245A-25JC CYPRESS-CY7C245A-25JC Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
CY7C245A-25PC CYPRESS-CY7C245A-25PC Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
More results

Similar Description - CY7C245A-25SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
STMicroelectronics
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
   MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
STMicroelectronics
WS57C45 STMICROELECTRONICS-WS57C45 Datasheet
78Kb / 9P
   HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com