Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54336A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54336A
Description  TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54336A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54336A Datasheet HTML 4Page - Texas Instruments TPS54336A Datasheet HTML 5Page - Texas Instruments TPS54336A Datasheet HTML 6Page - Texas Instruments TPS54336A Datasheet HTML 7Page - Texas Instruments TPS54336A Datasheet HTML 8Page - Texas Instruments TPS54336A Datasheet HTML 9Page - Texas Instruments TPS54336A Datasheet HTML 10Page - Texas Instruments TPS54336A Datasheet HTML 11Page - Texas Instruments TPS54336A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
70
80
90
100
110
120
±50
±25
0
25
50
75
100
125
150
Junction Temperature (
ƒ)
C011
3.0
4.0
5.0
6.0
±50
±25
0
25
50
75
100
125
150
Junction Temperature (
ƒC)
C012
0
2
4
6
8
10
4
8
12
16
20
24
28
Input Voltage (V)
TJ =
±40ƒC
TJ = 25
ƒC
TJ = 150
ƒC
C009
T
J = ±40ƒC
T
J = 25ƒC
T
J = 150ƒC
2.20
2.25
2.30
2.35
2.40
±50
±25
0
25
50
75
100
125
150
Junction Temperature (
ƒC)
C010
1.1
1.125
1.15
1.175
1.2
±50
±25
0
25
50
75
100
125
150
Junction Temperature (
ƒC)
C007
200
250
300
350
400
4
8
12
16
20
24
28
Input Voltage (V)
TJ =
±40ƒC
TJ = 25
ƒC
TJ = 150
ƒC
C008
T
J = ±40ƒC
T
J = 25ƒC
T
J = 150ƒC
8
TPS54335A, TPS54335-1A, TPS54336A
SLVSCD5D – NOVEMBER 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54335A TPS54335-1A TPS54336A
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 12 V
Figure 7. Pullup Current vs Junction Temperature
Figure 8. Non-Switching Operating Quiescent Current vs
Input Voltage
VEN = 0 V
Figure 9. Shutdown Quiescent Current vs Input Voltage
Figure 10. SS Charge Current vs Junction Temperature
VIN = 12 V
Figure 11. Minimum Controllable On Time vs Junction
Temperature
VIN = 12 V
Figure 12. Minimum Controllable Duty Ratio vs Junction
Temperature


Similar Part No. - TPS54336A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54336ADDA TI1-TPS54336ADDA Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
TPS54336ADDAR TI1-TPS54336ADDAR Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
TPS54336ADRCR TI1-TPS54336ADRCR Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
TPS54336ADRCT TI1-TPS54336ADRCT Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
More results

Similar Description - TPS54336A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54335A TI-TPS54335A_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
TPS54335-2A TI1-TPS54335-2A Datasheet
1Mb / 39P
[Old version datasheet]   TPS54335-2A 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS54302 TI1-TPS54302 Datasheet
1Mb / 28P
[Old version datasheet]   TPS54302 4.5-V to 28-V Input, 3-A Output, EMI Friendly Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
[Old version datasheet]   4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com