Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54331DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331DR
Description  TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54331DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54331DR Datasheet HTML 6Page - Texas Instruments TPS54331DR Datasheet HTML 7Page - Texas Instruments TPS54331DR Datasheet HTML 8Page - Texas Instruments TPS54331DR Datasheet HTML 9Page - Texas Instruments TPS54331DR Datasheet HTML 10Page - Texas Instruments TPS54331DR Datasheet HTML 11Page - Texas Instruments TPS54331DR Datasheet HTML 12Page - Texas Instruments TPS54331DR Datasheet HTML 13Page - Texas Instruments TPS54331DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Error
Amplifier
R
Q
S
Boot
Charge
Boot
UVLO
Current
Sense
Oscillator
Frequency
Shift
Gate
Drive
Logic
Slope
Compensation
PWM
Latch
PWM
Comparator
ECO-MODE
Minimum Clamp
Maximum
Clamp
Voltage
Reference
Discharge
Logic
VSENSE
COMP
PH
BOOT
VIN
GND
Thermal
Shutdown
EN
Enable
Comparator
Shutdown
Logic
Shutdown
Enable
Threshold
S
1.25 V
0.8 V
80 mW
165 C
2.1V
12 A/V
SS
Shutdown
VSENSE
1 A
m
3 A
m
gm = 92 A/V
DC gain = 800 V/V
BW = 2.7 MHz
m
2 kW
2 A
m
TPS54331D
TPS54331
SLVS839F – JULY 2008 – REVISED OCTOBER 2014
www.ti.com
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Fixed-Frequency PWM Control
The TPS54331 device uses a fixed-frequency, peak-current mode control. The internal switching frequency of
the TPS54331 device is fixed at 570 kHz.
8.3.2 Voltage Reference (Vref)
The voltage reference system produces a ±2% initial accuracy voltage reference (±3.5% over temperature) by
scaling the output of a temperature-stable bandgap circuit. The typical voltage reference is designed at 0.8 V.
8.3.3 Bootstrap Voltage (BOOT)
The TPS54331 device has an integrated boot regulator and requires a 0.1-
μF ceramic capacitor between the
BOOT and PH pins to provide the gate-drive voltage for the high-side MOSFET. A ceramic capacitor with an
X7R- or X5R-grade dielectric is recommended because of the stable characteristics over temperature and
voltage. To improve drop out, the TPS54331 device is designed to operate at 100% duty cycle as long as the
BOOT-to-PH pin voltage is greater than 2.1 V (typical).
8.3.4 Enable and Adjustable Input Undervoltage Lockout (VIN UVLO)
The EN pin has an internal pullup current-source that provides the default condition of the device while operating
when the EN pin floats.
10
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TPS54331


Similar Part No. - TPS54331DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54331DR TI-TPS54331DR Datasheet
879Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
More results

Similar Description - TPS54331DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54331 TI-TPS54331_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode?
TPS54331-Q1 TI1-TPS54331-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-A, 28-V INPUT, STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-Mode?
TPS54231 TI1-TPS54231_16 Datasheet
767Kb / 31P
[Old version datasheet]   2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54233-Q1 TI1-TPS54233-Q1 Datasheet
782Kb / 25P
[Old version datasheet]   2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE?
TPS54231 TI-TPS54231_15 Datasheet
667Kb / 31P
[Old version datasheet]   TPS54231 2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode?
TPS54531 TI-TPS54531_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS54531 5-A, 28-V Input, Step-Down SWIFT??DC-DC Converter With Eco-mode?
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com