Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54326PWP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54326PWP
Description  4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54326PWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54326PWP Datasheet HTML 7Page - Texas Instruments TPS54326PWP Datasheet HTML 8Page - Texas Instruments TPS54326PWP Datasheet HTML 9Page - Texas Instruments TPS54326PWP Datasheet HTML 10Page - Texas Instruments TPS54326PWP Datasheet HTML 11Page - Texas Instruments TPS54326PWP Datasheet HTML 12Page - Texas Instruments TPS54326PWP Datasheet HTML 13Page - Texas Instruments TPS54326PWP Datasheet HTML 14Page - Texas Instruments TPS54326PWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
SW(5V/div)
V (10mV/div)
O
400ns/div
400ns/div
SW(5V/div)
V
(50mV/div)
IN
V =3.3V
O
V =1.8V
O
900
800
700
600
500
0
10
20
V -InputVoltage-V
I
5
15
V =2.5V
O
V =1.8V
O
900
700
500
200
0
0.001
0.01
0.1
I -OutputCurrent- A
O
800
600
400
300
100
TPS54326
www.ti.com
SLVSA13E – OCTOBER 2009 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS (continued)
VIN = 12 V, TA = 25°C (unless otherwise noted)
spacer
Figure 9. SWITCHING FREQUENCY vs INPUT VOLTAGE
Figure 10. SWITCHING FREQUENCY vs OUTPUT
CURRENT
Figure 11. VOLTAGE RIPPLE At OUTPUT
Figure 12. VOLTAGE RIPPLE At INPUT
Copyright © 2009–2012, Texas Instruments Incorporated
11
Product Folder Link(s) :TPS54326


Similar Part No. - TPS54326PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54326PWP TI-TPS54326PWP Datasheet
880Kb / 22P
[Old version datasheet]   4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54326PWPR TI-TPS54326PWPR Datasheet
880Kb / 22P
[Old version datasheet]   4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
More results

Similar Description - TPS54326PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54326 TI-TPS54326_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54328 TI-TPS54328_15 Datasheet
1Mb / 27P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com