Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2903 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UC2903
Description  Quad Supply and Line Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2903 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UC2903 Datasheet HTML 5Page - Texas Instruments UC2903 Datasheet HTML 6Page - Texas Instruments UC2903 Datasheet HTML 7Page - Texas Instruments UC2903 Datasheet HTML 8Page - Texas Instruments UC2903 Datasheet HTML 9Page - Texas Instruments UC2903 Datasheet HTML 10Page - Texas Instruments UC2903 Datasheet HTML 11Page - Texas Instruments UC2903 Datasheet HTML 12Page - Texas Instruments UC2903 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Using The Line/Switcher Sense Output
LINE
INPUT
POWER
TRANSFORMER FILTER
UC1903
UC2903
UC3903
www.ti.com ........................................................................................................................................ SLUS233A – OCTOBER 1999 – REVISED SEPTEMBER 2008
The line switcher sense input to the UC1903 can be used for early detection of line, switcher, or other power
source, failures. Internally referenced to 2.0 V, the line sense comparator will cause the POWER OK output to
indicate a fault (active low) condition when the LINE/SWITCHER SENSE input goes from above to below 2.0 V.
The line sense comparator has approximately 175 mV of hysteresis requiring the line/switcher input to reach
2.175 V before the POWER OK output device can be turned off, allowing a no-fault indication. In Figure 7 an
example showing the use of the LINE/SWITCHER SENSE input for early switcher-fault detection is detailed. A
sample signal is taken from the output of the power transformer, rectified and filtered, and used at the
line/switcher input. By adjusting the R2C time constant with respect to the switching frequency of the supply and
the hold up time of the output capacitor, switcher faults can be detected before supply outputs are significantly
affected.
Figure 7. Line/Switcher Sense Input Used for Early Line or Switcher Fault Indication
Copyright © 1999–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UC1903 UC2903 UC3903


Similar Part No. - UC2903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2903 TI-UC2903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
UC2903DW TI1-UC2903DW Datasheet
808Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC2903DWG4 TI1-UC2903DWG4 Datasheet
808Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC2903DWTR TI1-UC2903DWTR Datasheet
808Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC2903DWTRG4 TI1-UC2903DWTRG4 Datasheet
808Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
More results

Similar Description - UC2903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1903J TI1-UC1903J Datasheet
808Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI-UC1903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com