Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS1035DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS1035DR
Description  HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS1035DR Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS1035DR Datasheet HTML 1Page - Texas Instruments SN74ALS1035DR Datasheet HTML 2Page - Texas Instruments SN74ALS1035DR Datasheet HTML 3Page - Texas Instruments SN74ALS1035DR Datasheet HTML 4Page - Texas Instruments SN74ALS1035DR Datasheet HTML 5Page - Texas Instruments SN74ALS1035DR Datasheet HTML 6Page - Texas Instruments SN74ALS1035DR Datasheet HTML 7Page - Texas Instruments SN74ALS1035DR Datasheet HTML 8Page - Texas Instruments SN74ALS1035DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SN54ALS1035, SN74ALS1035
HEX NONINVERTING BUFFERS
WITH OPEN-COLLECTOR OUTPUTS
SDAS243B – APRIL 1982 – REVISED AUGUST 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
6A
6Y
5A
5Y
4A
4Y
3A
3Y
2A
2Y
1Y
1A
3
5
9
11
13
12
4
6
8
10
12
Pin numbers shown are for the D, J, N, and W packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state output voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
1. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
SN54ALS1035
SN74ALS1035
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
VOH
High-level output voltage
5.5
5.5
V
IOL
Low-level output current
12
24
mA
TA
Operating free-air temperature
– 55
125
0
70
°C


Similar Part No. - SN74ALS1035DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS1035DR TI-SN74ALS1035DR Datasheet
617Kb / 15P
[Old version datasheet]   HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS1035DRE4 TI-SN74ALS1035DRE4 Datasheet
617Kb / 15P
[Old version datasheet]   HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS1035DRG4 TI-SN74ALS1035DRG4 Datasheet
617Kb / 15P
[Old version datasheet]   HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
More results

Similar Description - SN74ALS1035DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS1035 TI-SN54ALS1035 Datasheet
68Kb / 5P
[Old version datasheet]   HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS1035 TI-SN54ALS1035_07 Datasheet
617Kb / 15P
[Old version datasheet]   HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Integral Corp.
IN74LS06 INTEGRAL-IN74LS06 Datasheet
87Kb / 3P
   Hex Inverted Buffers with Open-Collector Outputs
logo
Texas Instruments
SN54ALS1005 TI-SN54ALS1005 Datasheet
69Kb / 4P
[Old version datasheet]   HEX INVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
KODENSHI_AUK CORP.
KK74LS06 KODENSHI-KK74LS06 Datasheet
193Kb / 4P
   Hex Inverted Buffers with Open-Collector Outputs
logo
System Logic Semiconduc...
SL74LS06 SLS-SL74LS06 Datasheet
25Kb / 3P
   Hex Inverted Buffers with Open-Collector Outputs
logo
Integral Corp.
IN74LS07 INTEGRAL-IN74LS07 Datasheet
98Kb / 3P
   Hex Non-Inverted Buffers with Open- Collector Outputs
logo
System Logic Semiconduc...
SL74LS07 SLS-SL74LS07 Datasheet
25Kb / 3P
   Hex Non-Inverted Buffers with Open-Collector Outputs
logo
National Semiconductor ...
DM5417 NSC-DM5417 Datasheet
93Kb / 4P
   Hex Buffers with High Voltage Open-Collector Outputs
logo
KODENSHI_AUK CORP.
KK74LS07 KODENSHI-KK74LS07 Datasheet
202Kb / 4P
   Hex Non-Inverted Buffers with Open- Collector Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com