Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C009-20AI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C009-20AI
Description  64K/128K x 8/9 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C009-20AI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C009-20AI Datasheet HTML 1Page - Cypress Semiconductor CY7C009-20AI Datasheet HTML 2Page - Cypress Semiconductor CY7C009-20AI Datasheet HTML 3Page - Cypress Semiconductor CY7C009-20AI Datasheet HTML 4Page - Cypress Semiconductor CY7C009-20AI Datasheet HTML 5Page - Cypress Semiconductor CY7C009-20AI Datasheet HTML 6Page - Cypress Semiconductor CY7C009-20AI Datasheet HTML 7Page - Cypress Semiconductor CY7C009-20AI Datasheet HTML 8Page - Cypress Semiconductor CY7C009-20AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CY7C008/009
CY7C018/019
Document #: 38-06041 Rev. *C
Page 4 of 19
Maximum Ratings[7]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65
°C to +150°C
Ambient Temperature with
Power Applied.............................................–55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.3V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage[8]......................................... –0.5V to +7.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... >1100V
Latch-Up Current .................................................... >200 mA
Notes:
7.
The Voltage on any input or I/O pin cannot exceed the power pin during power-up.
8.
Pulse width < 20 ns.
9.
Industrial parts are available in CY7C009 and CY7C019 only.
Pin Definitions
Left Port
Right Port
Description
CE0L, CE1L
CE0R, CE1R
Chip Enable (CE is LOW when CE0 £ VIL and CE1 Š VIH)
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L–A16L
A0R–A16R
Address (A0–A15 for 64K devices and A0–A16 for 128K devices)
I/O0L–I/O8L
I/O0R–I/O8R
Data Bus Input/Output (I/O0–I/O7 for x8 devices and I/O0–I/O8 for x9)
SEML
SEMR
Semaphore Enable
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VCC
Power
GND
Ground
NC
No Connect
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial[9]
–40
°C to +85°C
5V
± 10%


Similar Part No. - CY7C009-20AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C009-20AI CYPRESS-CY7C009-20AI Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
More results

Similar Description - CY7C009-20AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7018L IDT-IDT7018L Datasheet
142Kb / 17P
   HIGH-SPEED 64K x 9 DUAL-PORT STATIC RAM
IDT7019L IDT-IDT7019L Datasheet
160Kb / 17P
   HIGH-SPEED 128K x 9 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com