Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74273 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74273
Description  OCTAL D-TYPE FLIP-FLOP WITH CLEAR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74273 Datasheet(HTML) 2 Page - Texas Instruments

  SN74273 Datasheet HTML 1Page - Texas Instruments SN74273 Datasheet HTML 2Page - Texas Instruments SN74273 Datasheet HTML 3Page - Texas Instruments SN74273 Datasheet HTML 4Page - Texas Instruments SN74273 Datasheet HTML 5Page - Texas Instruments SN74273 Datasheet HTML 6Page - Texas Instruments SN74273 Datasheet HTML 7Page - Texas Instruments SN74273 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN54273, SN54LS273, SN74273, SN74LS273
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SDLS090 – OCTOBER 1976 – REVISED MARCH 1988
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematics of inputs and outputs
VCC
EQUIVALENT OF EACH INPUT
INPUT
Req
′273
Clear: Req = 3 kΩ NOM
Clock: Req = 6 kΩ NOM
All other inputs: Req = 8 kΩ NOM
VCC
TYPICAL OF ALL OUTPUTS
100
NOM
OUTPUT
VCC
EQUIVALENT OF EACH INPUT
INPUT
20 k
NOM
′LS273
VCC
TYPICAL OF ALL OUTPUTS
120
Ω NOM
OUTPUT
logic diagram (positive logic)
11
CLOCK
1
CLEAR
1D
1Q
R
C1
1D
1D
C1
R
2Q
2D
1D
C1
R
3Q
3D
1D
C1
R
4Q
4D
1D
C1
R
5Q
5D
1D
C1
R
6Q
6D
1D
C1
R
7Q
7D
1D
C1
R
8Q
8D
2
34
5
7
6
8
9
13
12
14
15
17
16
18
19
Pin numbers shown are for the DW, J, N, and W packages.


Similar Part No. - SN74273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74273 TI-SN74273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74273 TI-SN74273 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74273 TI1-SN74273 Datasheet
643Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74273N TI-SN74273N Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74273N3 TI1-SN74273N3 Datasheet
643Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
More results

Similar Description - SN74273

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HCT273 FAIRCHILD-MM74HCT273 Datasheet
106Kb / 8P
   Octal D-Type Flip-Flop with Clear
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com