Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54BCT623J Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54BCT623J
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54BCT623J Datasheet(HTML) 1 Page - Texas Instruments

  SNJ54BCT623J Datasheet HTML 1Page - Texas Instruments SNJ54BCT623J Datasheet HTML 2Page - Texas Instruments SNJ54BCT623J Datasheet HTML 3Page - Texas Instruments SNJ54BCT623J Datasheet HTML 4Page - Texas Instruments SNJ54BCT623J Datasheet HTML 5Page - Texas Instruments SNJ54BCT623J Datasheet HTML 6Page - Texas Instruments SNJ54BCT623J Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN54BCT623, SN74BCT623
OCTAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS020A − SEPTEMBER 1988 − REVISED NOVEMBER 1993
Copyright
1993, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
State-of-the-Art BiCMOS Design
Significantly Reduces ICCZ
ESD Protection Exceeds 2000 V
Per MIL-STD-883C, Method 3015
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK) and Flatpacks (W), and
Plastic and Ceramic 300-mil DIPs (J, N)
description
The
′BCT623 bus transceiver is designed for
asynchronous
communication
between
data
buses. The control function implementation allows
for maximum flexibility in timing. The
′BCT623
provides true data at its outputs.
This device allows data transmission from the A
bus to the B bus or from the B bus to the A bus
depending
upon
the
logic
levels
at
the
output-enable (OEAB and OEBA) inputs.
The output-enable inputs can be used to disable
the device so that the buses are effectively
isolated. The dual-enable configuration gives the
transceivers the capability of storing data by
simultaneously enabling OEAB and OEBA. Each
output reinforces its input in this configuration.
When both OEAB and OEBA are enabled and all
other data sources to the two sets of bus lines are
at high impedance, both sets of bus lines (16 in all)
will remain at their last states.
The SN54BCT623 is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The SN74BCT623 is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OPERATION
OEBA
OEAB
OPERATION
L
L
B data to A bus
L
H
B data to A bus,
A data to B bus
H
L
Isolation
H
H
A data to B bus
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OEAB
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OEBA
B1
B2
B3
B4
B5
B6
B7
B8
SN54BCT623 ...J OR W PACKAGE
SN74BCT623 . . . DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
B1
B2
B3
B4
B5
A3
A4
A5
A6
A7
SN54BCT623...FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SNJ54BCT623J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54BCT623J TI-SNJ54BCT623J Datasheet
530Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54BCT623J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com