Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54ALS857JT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54ALS857JT
Description  HEX 2-TO-1 UNIVERSAL MULTIPLEXERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54ALS857JT Datasheet(HTML) 1 Page - Texas Instruments

  SNJ54ALS857JT Datasheet HTML 1Page - Texas Instruments SNJ54ALS857JT Datasheet HTML 2Page - Texas Instruments SNJ54ALS857JT Datasheet HTML 3Page - Texas Instruments SNJ54ALS857JT Datasheet HTML 4Page - Texas Instruments SNJ54ALS857JT Datasheet HTML 5Page - Texas Instruments SNJ54ALS857JT Datasheet HTML 6Page - Texas Instruments SNJ54ALS857JT Datasheet HTML 7Page - Texas Instruments SNJ54ALS857JT Datasheet HTML 8Page - Texas Instruments SNJ54ALS857JT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN54ALS857 . . . JT PACKAGE
SN74ALS857 . . . DW OR NT PACKAGE
(TOP VIEW)
SN54ALS857 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
S0
1A
1B
1Y
2A
2B
2Y
3A
3B
3Y
OPER = 0
GND
VCC
S1
6A
6B
6Y
5A
5B
5Y
4A
4B
4Y
COMP
NC – No internal connection
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
6B
6Y
5A
NC
5B
5Y
4A
1Y
2A
2B
NC
2Y
3A
3B
426
14 15 16 17 18
SN54ALS857, SN74ALS857
HEX 2-TO-1 UNIVERSAL MULTIPLEXERS
WITH 3-STATE OUTPUTS
SDAS170A – DECEMBER 1982 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Select True or Complementary Data
Perform AND/NAND (Masking) of
A or B Operand
Cascadable to Expand Number of
Operands
Detect Zeros on A or B Operands
3-State Outputs Interface Directly With
System Bus
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
(NT) and Ceramic (JT) 300-mil DIPs
description
The
′ALS857 are hextuple 2-line to 1-line
multiplexers with 3-state outputs. The devices can
provide either true (COMP low) or inverted
(COMP high) data at the Y outputs. In addition, the
′ALS857 perform the logical AND function (A • B)
and the clear function as well. The four modes of
operation are:
Select A-data inputs
Select B-data inputs
AND A inputs with B inputs
Clear
In either of the first two modes, OPER = 0 is high
if all the selected A or B inputs are low. The six Y
outputs and the OPER = 0 output are all 3-state
and rated at 12-mA and 24-mA IOL for the
SN54ALS857 and SN74ALS857, respectively. All
outputs can be placed in the high-impedance state
by applying a high level to the COMP, S0, and S1
inputs simultaneously.
The SN54ALS857 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN74ALS857 is characterized for operation from 0
°C to 70°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SNJ54ALS857JT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ALS857JT TI-SNJ54ALS857JT Datasheet
430Kb / 13P
[Old version datasheet]   HEX 2-TO-1 UNIVERSAL MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54ALS857JT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS857 TI-SN54ALS857_08 Datasheet
430Kb / 13P
[Old version datasheet]   HEX 2-TO-1 UNIVERSAL MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS857 TI-SN54ALS857 Datasheet
112Kb / 11P
[Old version datasheet]   HEX 2-TO-1 UNIVERSAL MULTIPLEXERS WITH 3-STATE OUTPUTS
CD74HCT258 TI-CD74HCT258 Datasheet
251Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC258 HITACHI-HD74HC258 Datasheet
55Kb / 9P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with 3-state outputs)
logo
Renesas Technology Corp
HD74HC258 RENESAS-HD74HC258 Datasheet
108Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
logo
Texas Instruments
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AHCT257 TI-SN54AHCT257 Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257 Datasheet
478Kb / 16P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS257A TI-SN54ALS257A Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI1-SN54HC257_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com