Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ320MCM42DHFNM40 Datasheet(PDF) 8 Page - Texas Instruments

Part # SMJ320MCM42DHFNM40
Description  DUAL SMJ320C40 MULTICHIP MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SMJ320MCM42DHFNM40 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SMJ320MCM42DHFNM40 Datasheet HTML 4Page - Texas Instruments SMJ320MCM42DHFNM40 Datasheet HTML 5Page - Texas Instruments SMJ320MCM42DHFNM40 Datasheet HTML 6Page - Texas Instruments SMJ320MCM42DHFNM40 Datasheet HTML 7Page - Texas Instruments SMJ320MCM42DHFNM40 Datasheet HTML 8Page - Texas Instruments SMJ320MCM42DHFNM40 Datasheet HTML 9Page - Texas Instruments SMJ320MCM42DHFNM40 Datasheet HTML 10Page - Texas Instruments SMJ320MCM42DHFNM40 Datasheet HTML 11Page - Texas Instruments SMJ320MCM42DHFNM40 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SMJ320MCM42C, SMJ320MCM42D
DUAL SMJ320C40 MULTICHIP MODULE
SGKS001D -- JULY 1997 -- REVISED OCTOBER 2001
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
operational overview
Treatment of the detailed operation of the C40 device is not included in the scope of this document. See the
TMS320C4x User’s Guide (literature number SPRU063) for a detailed description of this DSP. See Figure 1 and
Figure 2 for the memory map.
000000000h
000000FFFh
000001000h
0000FFFFFh
000100000h
0001000FFh
000100100h
0001FFFFFh
000200000h
0002FF7FFh
0002FF800h
0002FFBFFh
0002FFC00h
0002FFFFFh
000300000h
0007FFFFFh
000800000h
00081FFFFh
000820000h
07FFFFFFFh
080000000h
0FFFFFFFFh
Reserved
Peripherals (internal)
Reserved
Reserved
1K RAM BLK 0 (internal)
1K RAM BLK 1 (internal)
Reserved
Local Bus Module RAM
Reserved
Global Bus (external)
(a) INTERNAL ROM DISABLED
(ROMEN = 0)
Reserved
Peripherals (internal)
Reserved
Reserved
1K RAM BLK 0 (internal)
1K RAM BLK 1 (internal)
Reserved
Local Bus Module RAM
Reserved
Global Bus (external)
(b) INTERNAL ROM ENABLED
(ROMEN = 1)
1M
4K ROM (reserved)
1M
1M
5M
128K
Structure
Depends On
ROMEN Bit
Structure
Identical
2G
2G
Figure 1. Memory Map for Each C40 Within the Multichip Module (42D)


Similar Part No. - SMJ320MCM42DHFNM40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320MCM42DHFN TI-SMJ320MCM42DHFN Datasheet
202Kb / 16P
[Old version datasheet]   DUAL SMJ320C40 MULTICHIP MODULE
More results

Similar Description - SMJ320MCM42DHFNM40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320MCM42C TI-SMJ320MCM42C Datasheet
202Kb / 16P
[Old version datasheet]   DUAL SMJ320C40 MULTICHIP MODULE
logo
RFHIC
LCL1503-L RFHIC-LCL1503-L_14 Datasheet
186Kb / 4P
   Multichip Hybrid Module
LCL0402-L RFHIC-LCL0402-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL0912-L RFHIC-LCL0912-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL1903-L RFHIC-LCL1903-L_14 Datasheet
176Kb / 4P
   Multichip Hybrid Module
LCL2112-L RFHIC-LCL2112-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL2302-L RFHIC-LCL2302-L_14 Datasheet
186Kb / 4P
   Multichip Hybrid Module
LCL3322-L RFHIC-LCL3322-L_14 Datasheet
176Kb / 4P
   Multichip Hybrid Module
LCL1904-L RFHIC-LCL1904-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL3212-L RFHIC-LCL3212-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com