Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA861 Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA861
Description  Wide Bandwidth Operational Transconductance Amplifier (OTA)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA861 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA861_15 Datasheet HTML 16Page - Texas Instruments OPA861_15 Datasheet HTML 17Page - Texas Instruments OPA861_15 Datasheet HTML 18Page - Texas Instruments OPA861_15 Datasheet HTML 19Page - Texas Instruments OPA861_15 Datasheet HTML 20Page - Texas Instruments OPA861_15 Datasheet HTML 21Page - Texas Instruments OPA861_15 Datasheet HTML 22Page - Texas Instruments OPA861_15 Datasheet HTML 23Page - Texas Instruments OPA861_15 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
6
3
0
−3
−6
−9
Frequency (Hz)
1M
10M
100M
1G
5.6dB
600
600
V
IN1
V
CM
V
IN2
R
E
600
ADS5272
OPA861
OPA861
3
0
-3
-6
-9
-12
-15
-18
-21
-24
-27
-30
-33
-36
-39
-42
-45
-48
Frequency(Hz)
10k
100k
1M
10M
100M
1G
50MHzFilter
20MHzFilter
1MHzFilter
ForAllFilters:
R =R =
2
¥
3
R =R
=R
1
1S
2S
3S
=1/2R
=R
R
=R
=R
1M
2M
0
C =C =C
1
2
0
OPA861
SBOS338G – AUGUST 2005 – REVISED MAY 2013
www.ti.com
A few designs for a low-pass filter are shown in
High-CMRR, Moderate Precision, Differential
Figure 47 and Table 2.
I/O ADC Driver
The circuit shown in Figure 48 depicts an ADC driver
Table 2. Component Values for Filters Shown In
implemented with two OPA861s. Since the gain is set
Figure 47
here by the ratio of the internal 600
Ω resistors and
fO
R
RO
CO
RE, its accuracy will only be as good as the input
1MHz
150
100
2nF
resistor of the ADS5272. The small-signal frequency
response for this circuit has 150MHz at –3dB
20MHz
150
100
112.5pF
bandwidth for a gain of approximately 5.6dB, as
50MHz
150
100
25pF
shown in Figure 49. The advantage of this circuit lies
in its high CMRR to 100kHz; see Figure 50. This
circuit also has more than 10 bits of linearity.
Figure 47. Butterworth Low-Pass Filter with the
Universal Active Filter
Figure 48. High CMRR, Moderate Precision,
Differential I/O ADC Driver
The advantages of building active filters using a
Current Conveyor structure are:
The increase in output resistance of operational
amplifiers at high frequencies makes it difficult to
construct feedback filter structures (decrease in
stop-band attenuation).
All
filter
coefficients
are
represented
by
resistances, making it possible to adjust the filter
frequency response without affecting the filter
coefficients.
The capacitors which determine the frequency are
located between the ground and the current
source outputs and are thus grounded on one
side. Therefore, all parasitic capacitances can be
viewed as part of these capacitors, making them
easier to comprehend.
The features which determine the frequency
Figure 49. ADC Driver, Small-Signal Frequency
characteristics are currents, which charge the
Response
integration capacitors. This situation is similar to
the
transfer
characteristic
of
the
Diamond
Transistor.
20
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: OPA861


Similar Part No. - OPA861_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861ID TI-OPA861ID Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
OPA861IDBVR TI-OPA861IDBVR Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
OPA861IDBVT TI-OPA861IDBVT Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
OPA861IDR TI-OPA861IDR Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
More results

Similar Description - OPA861_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA660 BURR-BROWN-OPA660 Datasheet
358Kb / 18P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com