Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA860ID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA860ID
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA860ID Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA860ID Datasheet HTML 5Page - Texas Instruments OPA860ID Datasheet HTML 6Page - Texas Instruments OPA860ID Datasheet HTML 7Page - Texas Instruments OPA860ID Datasheet HTML 8Page - Texas Instruments OPA860ID Datasheet HTML 9Page - Texas Instruments OPA860ID Datasheet HTML 10Page - Texas Instruments OPA860ID Datasheet HTML 11Page - Texas Instruments OPA860ID Datasheet HTML 12Page - Texas Instruments OPA860ID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TYPICAL CHARACTERISTICS: VS = ±5V
6
3
0
−3
−6
−9
Frequency (Hz)
1M
10M
100M
2G
1G
R
L = 500Ω
V
O = 0.6VPP
V
O = 0.2VPP
V
O = 5VPP
V
O = 2.8VPP
V
O = 1.4VPP
6
3
0
−3
−6
−9
Frequency (Hz)
1M
10M
100M
2G
1G
V
O = 0.2VPP
R
L = 1kΩ
R
L = 500Ω
R
L = 100Ω
0.20
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
−0.20
Time (10ns/div)
R
L = 500Ω
V
IN = 0.2VPP
f
IN = 20MHz
Input
Voltage
Output
Voltage
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
Frequency (MHz)
1
10
100
400
3
2
1
0
−1
−2
−3
Time (10ns/div)
R
L = 500Ω
V
IN = 3VPP
f
IN = 20MHz
Input
Voltage
Output
Voltage
−40
−50
−60
−70
−80
−90
−100
Frequency (MHz)
1
10
100
R
L = 500Ω
V
O = 2VPP
2nd−Harmonic
3rd−Harmonic
OPA860
www.ti.com ....................................................................................................................................................... SBOS331C – JUNE 2005 – REVISED AUGUST 2008
At TA = +25°C, IQ = 11.2mA, and RL = 500Ω, unless otherwise noted.
BUF Performance
BUFFER BANDWIDTH vs OUTPUT VOLTAGE
BUFFER BANDWIDTH vs LOAD RESISTANCE
Figure 24.
Figure 25.
BUFFER GAIN FLATNESS
BUFFER SMALL-SIGNAL PULSE RESPONSE
Figure 26.
Figure 27.
BUFFER LARGE-SIGNAL PULSE RESPONSE
HARMONIC DISTORTION vs FREQUENCY
Figure 28.
Figure 29.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA860


Similar Part No. - OPA860ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA860ID BURR-BROWN-OPA860ID Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
OPA860IDR BURR-BROWN-OPA860IDR Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results

Similar Description - OPA860ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Burr-Brown (TI)
OPA660 BURR-BROWN-OPA660 Datasheet
358Kb / 18P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com