Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4261 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C4261
Description  16K/32K x 9 Deep Sync FIFOs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4261 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C4261 Datasheet HTML 3Page - Cypress Semiconductor CY7C4261 Datasheet HTML 4Page - Cypress Semiconductor CY7C4261 Datasheet HTML 5Page - Cypress Semiconductor CY7C4261 Datasheet HTML 6Page - Cypress Semiconductor CY7C4261 Datasheet HTML 7Page - Cypress Semiconductor CY7C4261 Datasheet HTML 8Page - Cypress Semiconductor CY7C4261 Datasheet HTML 9Page - Cypress Semiconductor CY7C4261 Datasheet HTML 10Page - Cypress Semiconductor CY7C4261 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CY7C4261
CY7C4271
Document #: 38-06015 Rev. *B
Page 7 of 18
Switching Characteristics Over the Operating Range
Parameter
Description
7C4261/71
−10 7C4261/71−15 7C4261/71−25 7C4261/71− 35
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tS
Clock Cycle Frequency
100
66.7
40
28.6
MHz
tA
Data Access Time
2
8
2
10
2
15
2
20
ns
tCLK
Clock Cycle Time
10
15
25
35
ns
tCLKH
Clock HIGH Time
4.5
6
10
14
ns
tCLKL
Clock LOW Time
4.5
6
10
14
ns
tDS
Data Set-up Time
3
4
6
7
ns
tDH
Data Hold Time
0.5
1
1
2
ns
tENS
Enable Set-up Time
3
4
6
7
ns
tENH
Enable Hold Time
0.5
1
1
2
ns
tRS
Reset Pulse Width[12]
10
15
25
35
ns
tRSS
Reset Set-up Time
8
10
15
20
ns
tRSR
Reset Recovery Time
8
10
15
20
ns
tRSF
Reset to Flag and Output Time
10
15
25
35
ns
tOLZ
Output Enable to Output in Low Z[13]
00
0
0
ns
tOE
Output Enable to Output Valid
3
7383
12
3
15
ns
tOHZ
Output Enable to Output in High Z[13]
3
7383
12
3
15
ns
tWFF
Write Clock to Full Flag
8
10
15
20
ns
tREF
Read Clock to Empty Flag
8
10
15
20
ns
tPAF
Clock to Programmable Almost-Full Flag
8
10
15
20
ns
tPAE
Clock to Programmable Almost-Full Flag
8
10
15
20
ns
tSKEW1
Skew Time between Read Clock and Write
Clock for Empty Flag and Full Flag
5
6
10
12
ns
tSKEW2
Skew Time between Read Clock and Write Clock
for Almost-Empty Flag and Almost-Full Flag
10
15
18
20
ns
Notes:
12. Pulse widths less than minimum values are not allowed.
13. Values guaranteed by design, not currently tested.


Similar Part No. - CY7C4261

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261 CYPRESS-CY7C4261 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261-10AC CYPRESS-CY7C4261-10AC Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261-10AI CYPRESS-CY7C4261-10AI Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261-10JC CYPRESS-CY7C4261-10JC Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261-10JI CYPRESS-CY7C4261-10JI Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
More results

Similar Description - CY7C4261

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4275 CYPRESS-CY7C4275 Datasheet
281Kb / 21P
   32K/64Kx18 Deep Sync FIFOs
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com