Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C371I-143JC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C371I-143JC
Description  UltraLogic 32-Macrocell Flash CPLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C371I-143JC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C371I-143JC Datasheet HTML 1Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 2Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 3Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 4Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 5Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 6Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 7Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 8Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
USE ULTRA37000™ FOR
ALL NEW DESIGNS
CY7C371i
Document #: 38-03032 Rev. *A
Page 3 of 12
compatible with 5.0V systems. When VCCIO pins are
connected to a 3.3V source, the input voltage levels are
compatible with both 5.0V and 3.3V systems, while the output
voltage levels are compatible with 3.3V systems. There will be
an additional timing delay on all output buffers when operating
in 3.3V I/O mode. The added flexibility of 3.3V I/O capability
is available in commercial and industrial temperature ranges.
Bus Hold Capabilities on all I/Os and Dedicated Inputs
In addition to ISR capability, a new feature called bus-hold has
been added to all FLASH370i I/Os and dedicated input pins.
Bus-hold, which is an improved version of the popular internal
pull-up resistor, is a weak latch connected to the pin that does
not degrade the device’s performance. As a latch, bus-hold
recalls the last state of a pin when it is three-stated, thus
reducing system noise in bus-interface applications. Bus-hold
additionally allows unused device pins to remain unconnected
on the board, which is particularly useful during prototyping as
designers can route new signals to the device without cutting
trace connections to VCC or GND.
Design Tools
Development software for the CY7C371i is available from
Cypress’s Warp™, Warp Professional™, and Warp Enter-
prise™ software packages. Please refer to the data sheets on
these products for more details. Cypress also actively
supports almost all third-party design tools. Please refer to
third-party tool support for further information.


Similar Part No. - CY7C371I-143JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-110AC CYPRESS-CY7C371-110AC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-110JC CYPRESS-CY7C371-110JC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-143AC CYPRESS-CY7C371-143AC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-143JC CYPRESS-CY7C371-143JC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
More results

Similar Description - CY7C371I-143JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I_04 Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C375I CYPRESS-CY7C375I Datasheet
431Kb / 17P
   UltraLogic 128-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
logo
Xilinx, Inc
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com