Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C371I-143JC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C371I-143JC
Description  UltraLogic 32-Macrocell Flash CPLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C371I-143JC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C371I-143JC Datasheet HTML 1Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 2Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 3Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 4Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 5Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 6Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 7Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 8Page - Cypress Semiconductor CY7C371I-143JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
USE ULTRA37000™ FOR
ALL NEW DESIGNS
CY7C371i
Document #: 38-03032 Rev. *A
Page 5 of 12
Note:
11. tER measured with 5-pF AC Test Load and tEA measured with 35-pF AC Test Load.
Inductance[8]
Parameter
Description
Test Conditions
44-Lead TQFP
44-Lead PLCC
Unit
L
Maximum Pin Inductance
VIN = 5.0V at f= 1 MHz
2
5
nH
Endurance Characteristics[8]
Parameter
Description
Test Conditions
Max.
Unit
N
Maximum Reprogramming Cycles
Normal Programming Conditions
100
Cycles
AC Test Loads and Waveforms
Parameter[11]
Vx
Output Waveform Measurement Level
tER(–)
1.5V
tER(+)
2.6V
tEA(+)
1.5V
tEA(–)
Vthe
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
35 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
<2 ns
<2 ns
OUTPUT
238
Ω (COM'L)
319
Ω (MIL)
170
Ω (COM'L)
236
Ω (MIL)
99
Ω (COM'L)
136
Ω (MIL)
Equivalent to:
THÉVENIN EQUIVALENT
2.08V(COM'L)
2.13V(MIL)
238
Ω (COM'L)
319
Ω (MIL)
170
Ω (COM'L)
236
Ω (MIL)
(c)
VOH
0.5V
VX
VOL
0.5V
VX
VOH
0.5V
VX
VX
0.5V
VOL


Similar Part No. - CY7C371I-143JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-110AC CYPRESS-CY7C371-110AC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-110JC CYPRESS-CY7C371-110JC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-143AC CYPRESS-CY7C371-143AC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-143JC CYPRESS-CY7C371-143JC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
More results

Similar Description - CY7C371I-143JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I_04 Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C375I CYPRESS-CY7C375I Datasheet
431Kb / 17P
   UltraLogic 128-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
logo
Xilinx, Inc
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com