Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM76-20470JLF Datasheet(PDF) 1 Page - Bi technologies

Part # HM76-20470JLF
Description  Drum Core, Space Efficient High Performance Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM76-20470JLF Datasheet(HTML) 1 Page - Bi technologies

  HM76-20470JLF Datasheet HTML 1Page - Bi technologies HM76-20470JLF Datasheet HTML 2Page - Bi technologies HM76-20470JLF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Drum Core, Space Efficient High
Performance Surface Mount
Inductors
Model HM76
Make Possible
Magnetics
Features and Benefits
Operating Temperature Range -40°C to +125°C
Temperature Rise, Maximum 40°C
Operating Frequency Up to 3MHz
RoHS Compliant
Specifications (Case Size 10 and 20)
Specifications (Case Size 30 and 40)
Schematics
Part Number
Inductance
μH ± 20% (1)
DC Resistance
@ 25°C
ΩMax.
Rated
Current (2,4)
Amps
Schematic
Figure
HM76-101R0JLF
1.0
0.03
2.90
A
1
HM76-101R5JLF
1.5
0.05
2.80
A
1
HM76-102R2JLF
2.2
0.06
2.40
A
1
HM76-103R3JLF
3.3
0.09
2.00
A
1
HM76-104R7JLF
4.7
0.09
1.50
A
1
HM76-106R8JLF
6.8
0.17
1.30
A
1
HM76-10100JLF
10
0.16
1.10
A
1
HM76-10150JLF
15
0.30
0.80
A
1
HM76-10220JLF
22
0.43
0.70
A
1
HM76-10330JLF
33
0.69
0.57
A
1
HM76-10470JLF
47
0.92
0.46
A
1
HM76-10680JLF
68
1.39
0.37
A
1
HM76-10101JLF
100
1.98
0.28
A
1
HM76-10151JLF
150
3.08
0.22
A
1
HM76-10221JLF
220
4.47
0.18
A
1
HM76-10331JLF
330
6.90
0.15
A
1
HM76-10471JLF
470
11.55
0.12
A
1
HM76-20100JLF
10
0.07
2.00
A
3
HM76-20150JLF
15
0.09
1.50
A
3
HM76-20220JLF
22
0.15
1.30
A
3
HM76-20330JLF
33
0.21
1.10
A
3
HM76-20470JLF
47
0.31
0.80
A
3
HM76-20680JLF
68
0.42
0.70
A
3
HM76-20101JLF
100
0.58
0.60
A
3
HM76-20151JLF
150
0.89
0.50
A
3
HM76-20221JLF
220
1.30
0.40
A
3
HM76-20331JLF
330
2.00
0.30
A
3
HM76-20471JLF
470
2.50
0.20
A
3
HM76-20681JLF
680
3.50
0.10
A
3
HM76-20102JLF
1,000
6.00
0.05
A
3
Part Number
Inductance
μH ± 20% (1)
DC Resistance
@ 25°C (3)
ΩMax.
Rated
Current (2,4)
Amps
Schematic
Figure
HM76-301R0JLF
1.0
0.01
8.50
A
1
HM76-301R5JLF
1.5
0.01
7.90
A
1
HM76-302R2JLF
2.2
0.02
7.40
A
1
HM76-303R3JLF
3.3
0.02
6.60
A
1
HM76-304R7JLF
4.7
0.02
6.00
A
1
HM76-306R8JLF
6.8
0.03
5.20
A
1
HM76-308R2JLF
8.2
0.03
5.00
A
1
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
103
DCResistance
Rated
Part
Inductance
@25°C(3)
Current(2,4)
Number
µH±20%(1)
W
Max.
Amps
Schematic
Figure
DCResistance
Rated
Part
Inductance
@25°C
Current(2,4)
Number
µH±20%(1)
W
Max.
Amps
Schematic
Figure
HM76-101R0JLF
1.0
0.03
2.90
A
1
HM76-101R5JLF
1.5
0.05
2.80
A
1
HM76-102R2JLF
2.2
0.06
2.40
A
1
HM76-103R3JLF
3.3
0.09
2.00
A
1
HM76-104R7JLF
4.7
0.09
1.50
A
1
HM76-106R8JLF
6.8
0.17
1.30
A
1
HM76-10100JLF
10
0.16
1.10
A
1
HM76-10150JLF
15
0.30
0.80
A
1
HM76-10220JLF
22
0.43
0.70
A
1
HM76-10330JLF
33
0.69
0.57
A
1
HM76-10470JLF
47
0.92
0.46
A
1
HM76-10680JLF
68
1.39
0.37
A
1
HM76-10101JLF
100
1.98
0.28
A
1
HM76-10151JLF
150
3.08
0.22
A
1
HM76-10221JLF
220
4.47
0.18
A
1
HM76-10331JLF
330
6.90
0.15
A
1
HM76-10471JLF
470
11.55
0.12
A
1
HM76-20100JLF
10
0.07
2.00
A
3
HM76-20150JLF
15
0.09
1.50
A
3
HM76-20220JLF
22
0.15
1.30
A
3
HM76-20330JLF
33
0.21
1.10
A
3
HM76-20470JLF
47
0.31
0.80
A
3
HM76-20680JLF
68
0.42
0.70
A
3
HM76-20101JLF
100
0.58
0.60
A
3
HM76-20151JLF
150
0.89
0.50
A
3
HM76-20221JLF
220
1.30
0.40
A
3
HM76-20331JLF
330
2.00
0.30
A
3
HM76-20471JLF
470
2.50
0.20
A
3
HM76-20681JLF
680
3.50
0.10
A
3
HM76-20102JLF
1,000
6.00
0.05
A
3
Specifications(CaseSize10and20)
Schematics
Schematic A
Schematic B
Specifications(CaseSize30and40)
HM76-301R0JLF
1.0
0.01
8.50
A
1
HM76-301R5JLF
1.5
0.01
7.90
A
1
HM76-302R2JLF
2.2
0.02
7.40
A
1
HM76-303R3JLF
3.3
0.02
6.60
A
1
HM76-304R7JLF
4.7
0.02
6.00
A
1
HM76-306R8JLF
6.8
0.03
5.20
A
1
HM76-308R2JLF
8.2
0.03
5.00
A
1
1
2
1
2
3
4
• OperatingTemperatureRange
-40°Cto+125°C
• AmbientTemperature,Maximum
80°C
• InsulationSystem
ClassB,130°C
• TemperatureRise,Maximum
40°C
• OperatingFrequency
Upto3MHz
HM76
Electrical/Environmental
DrumCore,SpaceEfficientHighPerformance
SurfaceMountInductors
RoHS
Compliant
LastUpdated:24February2010
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
103
DCResistance
Rated
Part
Inductance
@25°C(3)
Current(2,4)
Number
µH±20%(1)
W
Max.
Amps
Schematic
Figure
DCResistance
Rated
Part
Inductance
@25°C
Current(2,4)
Number
µH±20%(1)
W
Max.
Amps
Schematic
Figure
HM76-101R0JLF
1.0
0.03
2.90
A
1
HM76-101R5JLF
1.5
0.05
2.80
A
1
HM76-102R2JLF
2.2
0.06
2.40
A
1
HM76-103R3JLF
3.3
0.09
2.00
A
1
HM76-104R7JLF
4.7
0.09
1.50
A
1
HM76-106R8JLF
6.8
0.17
1.30
A
1
HM76-10100JLF
10
0.16
1.10
A
1
HM76-10150JLF
15
0.30
0.80
A
1
HM76-10220JLF
22
0.43
0.70
A
1
HM76-10330JLF
33
0.69
0.57
A
1
HM76-10470JLF
47
0.92
0.46
A
1
HM76-10680JLF
68
1.39
0.37
A
1
HM76-10101JLF
100
1.98
0.28
A
1
HM76-10151JLF
150
3.08
0.22
A
1
HM76-10221JLF
220
4.47
0.18
A
1
HM76-10331JLF
330
6.90
0.15
A
1
HM76-10471JLF
470
11.55
0.12
A
1
HM76-20100JLF
10
0.07
2.00
A
3
HM76-20150JLF
15
0.09
1.50
A
3
HM76-20220JLF
22
0.15
1.30
A
3
HM76-20330JLF
33
0.21
1.10
A
3
HM76-20470JLF
47
0.31
0.80
A
3
HM76-20680JLF
68
0.42
0.70
A
3
HM76-20101JLF
100
0.58
0.60
A
3
HM76-20151JLF
150
0.89
0.50
A
3
HM76-20221JLF
220
1.30
0.40
A
3
HM76-20331JLF
330
2.00
0.30
A
3
HM76-20471JLF
470
2.50
0.20
A
3
HM76-20681JLF
680
3.50
0.10
A
3
HM76-20102JLF
1,000
6.00
0.05
A
3
Specifications(CaseSize10and20)
Schematics
Schematic A
Schematic B
Specifications(CaseSize30and40)
HM76-301R0JLF
1.0
0.01
8.50
A
1
HM76-301R5JLF
1.5
0.01
7.90
A
1
HM76-302R2JLF
2.2
0.02
7.40
A
1
HM76-303R3JLF
3.3
0.02
6.60
A
1
HM76-304R7JLF
4.7
0.02
6.00
A
1
HM76-306R8JLF
6.8
0.03
5.20
A
1
HM76-308R2JLF
8.2
0.03
5.00
A
1
1
2
1
2
3
4
• OperatingTemperatureRange
-40°Cto+125°C
• AmbientTemperature,Maximum
80°C
• InsulationSystem
ClassB,130°C
• TemperatureRise,Maximum
40°C
• OperatingFrequency
Upto3MHz
HM76
Electrical/Environmental
DrumCore,SpaceEfficientHighPerformance
SurfaceMountInductors
RoHS
Compliant
LastUpdated:24February2010
Rev. 01
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM76-20470JLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM76-20470JLF BITECH-HM76-20470JLF Datasheet
326Kb / 3P
   Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
TT Electronics.
HM76-20470JLF TTELEC-HM76-20470JLF Datasheet
970Kb / 3P
   Drum Core, Space Efficient High Performance Surface Mount Inductors
More results

Similar Description - HM76-20470JLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM76 BITECH-HM76 Datasheet
326Kb / 3P
   Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
TT Electronics.
HM76 TTELEC-HM76 Datasheet
970Kb / 3P
   Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
Filtran LTD
8403-XXX FILTRAN-8403-XXX Datasheet
193Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
logo
List of Unclassifed Man...
DSS4832 ETC-DSS4832 Datasheet
126Kb / 1P
   Surface Mount Drum Core Power Inductors
logo
Filtran LTD
8400-XXX FILTRAN-8400-XXX Datasheet
70Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
8404-XXX FILTRAN-8404-XXX Datasheet
193Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
8405-XXX FILTRAN-8405-XXX Datasheet
194Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
logo
Rhombus Industries Inc.
L-19513 RHOMBUS-IND-L-19513 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19530 RHOMBUS-IND-L-19530 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19553 RHOMBUS-IND-L-19553 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com