Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HM67 Datasheet(PDF) 2 Page - Bi technologies

Part No. HM67
Description  Surface Mount Common Mode Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM67 Datasheet(HTML) 2 Page - Bi technologies

  HM67_15 Datasheet HTML 1Page - Bi technologies HM67_15 Datasheet HTML 2Page - Bi technologies HM67_15 Datasheet HTML 3Page - Bi technologies HM67_15 Datasheet HTML 4Page - Bi technologies HM67_15 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Surface Mount
Common Mode Chokes
Model HM67 Series
Make Possible
OrderingInformation
OutlineDimensions(Inch/mm)
HM67 - B 110 LF TR13
Model Series
Winding Type:
B = Bifilar
S /10= Sector
Inductance Code:
First 2 digits are significant.
Last digit denotes the number of trailing zeros.
For values below 10μH, “R” denotes the decimal point.
TR - Tape & Reel Packing
13 - 13” reel
Lead Free
Figure 1
Recommended Solder Pad Layout
Recommended Solder Pad Layout
.067
1.7
.090
2.3
.232
5.9
.087
2.2
.40
10.2
.177
4.5
.098
2.5
.047
1.2
.140
3.55
Max.
Side View
.138
3.5
Max.
1
2
4
3
Marking Location
Top View
Marking
(Refer to
Table)
.37
9.4 Max.
.236
6.0
Max.
Top View
.10 ± .004
2.5 ± 0.1
Figure 2
Seating Plane
.155
3.9 Max.
Side View
Bottom View
.138
3.50 Max.
.197
5.00 Max.
.024
0.60 Typ.
.004/0.10 Max.
Rev. 01
GeneralNote
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn