Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4352E Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4352E
Description  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4352E Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC4352E Datasheet HTML 3Page - Texas Instruments CD74HC4352E Datasheet HTML 4Page - Texas Instruments CD74HC4352E Datasheet HTML 5Page - Texas Instruments CD74HC4352E Datasheet HTML 6Page - Texas Instruments CD74HC4352E Datasheet HTML 7Page - Texas Instruments CD74HC4352E Datasheet HTML 8Page - Texas Instruments CD74HC4352E Datasheet HTML 9Page - Texas Instruments CD74HC4352E Datasheet HTML 10Page - Texas Instruments CD74HC4352E Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VEE
(V)
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,
Switch In to Switch Out
tPLH, tPHL
CL = 50pF
0
2
-
-
35
-
45
-
55
ns
0
4.5
-
-
7
-
9
-
11
ns
0
6
-
-
6-8-9
ns
-4.5
4.5
-
-
5
-
7
-
8
ns
Maximum Switch Turn “ON”
Delay 4351
E1, E2, LE to VOS
tPZH, tPZL
CL = 50pF
0
2
-
-
300
-
375
-
450
ns
0
4.5
-
-
60
-
75
-
90
ns
0
6
-
-
51
-
64
-
77
ns
-4.5
4.5
-
-
55
-
69
-
83
ns
CL = 15pF
-
5
-
27
-----
ns
Maximum Switch Turn “ON”
Delay 4352
E1, E2, LE to VOS
tPZH, tPZL
CL = 50pF
0
2
-
-
350
-
440
-
525
ns
0
4.5
-
-
70
-
88
-
105
ns
0
6
-
-
60
-
75
-
90
ns
-4.5
4.5
-
-
60
-
75
-
90
ns
CL = 15pF
-
5
-
35
-----
ns
Maximum Switch Turn “ON”
Delay 4351
Sn to VOS
tPZH, tPZL
CL = 50pF
0
2
-
-
300
-
375
-
450
ns
0
4.5
-
-
60
-
75
-
90
ns
0
6
-
-
51
-
64
-
77
ns
-4.5
4.5
-
-
50
-
63
-
75
ns
CL = 15pF
-
5
-
27
-----
ns
Maximum Switch Turn “ON”
Delay 4352
Sn to VOS
tPZH, tPZL
CL = 50pF
0
2
-
-
375
-
470
-
565
ns
0
4.5
-
-
75
-
94
-
113
ns
0
6
-
-
64
-
80
-
96
ns
-4.5
4.5
-
-
55
-
69
-
83
ns
CL = 15pF
-
5
-
35
-----
ns
Maximum Switch Turn “OFF”
Delay 4351
E1 to VOS
tPHZ, tPLZ
CL = 50pF
0
2
-
-
250
-
315
-
375
ns
0
4.5
-
-
50
-
63
-
75
ns
0
6
-
-
43
-
54
-
64
ns
-4.5
4.5
-
-
40
-
50
-
60
ns
CL = 15pF
-
5
-
21
-----
ns
CD54HC4351, CD74HC4351, CD74HCT4351, CD74HC4352


Similar Part No. - CD74HC4352E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4352E TI-CD74HC4352E Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4352E TI-CD74HC4352E Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4352E TI-CD74HC4352E Datasheet
503Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4352EE4 TI-CD74HC4352EE4 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4352EE4 TI-CD74HC4352EE4 Datasheet
503Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results

Similar Description - CD74HC4352E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351_08 Datasheet
503Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com