Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54302DDCR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54302DDCR
Description  TPS54302 4.5-V to 28-V Input, 3-A Output, EMI Friendly Synchronous Step-Down Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54302DDCR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54302DDCR Datasheet HTML 2Page - Texas Instruments TPS54302DDCR Datasheet HTML 3Page - Texas Instruments TPS54302DDCR Datasheet HTML 4Page - Texas Instruments TPS54302DDCR Datasheet HTML 5Page - Texas Instruments TPS54302DDCR Datasheet HTML 6Page - Texas Instruments TPS54302DDCR Datasheet HTML 7Page - Texas Instruments TPS54302DDCR Datasheet HTML 8Page - Texas Instruments TPS54302DDCR Datasheet HTML 9Page - Texas Instruments TPS54302DDCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
0.590
0.592
0.594
0.596
0.598
0.600
D005
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
380
385
390
395
400
405
410
415
420
D006
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
40
60
80
100
120
140
160
180
200
220
240
D003
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
20
30
40
50
60
70
80
D004
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
20
40
60
80
D002
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
0
0.5
1
1.5
2
2.5
D001
6
TPS54302
SLVSDG6A – MAY 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS54302
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Typical Characteristics
VIN = 12, unless otherwise specified
Figure 1. Shutdown Quiescent Current vs Junction
Temperature
Figure 2. Non-Switching Operating Quiescent Current vs
Junction Temperature
Figure 3. High-Side Resistance vs Junction Temperature
Figure 4. Low-Side FET On Resistance vs Junction
Temperature
Figure 5. Reference Voltage vs Junction Temperature
Figure 6. Centre Switching Frequency vs Junction
Temperature


Similar Part No. - TPS54302DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430 TI-TPS5430 Datasheet
1Mb / 22P
[Old version datasheet]   5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS5430 TI-TPS5430 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS5430 TI-TPS5430 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430 TI1-TPS5430 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
More results

Similar Description - TPS54302DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS54335A TI1-TPS54335A Datasheet
1Mb / 53P
[Old version datasheet]   TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54335-2A TI1-TPS54335-2A Datasheet
1Mb / 39P
[Old version datasheet]   TPS54335-2A 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54335A TI-TPS54335A_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS54308 TI1-TPS54308 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 3-A Output, Synchronous 350-kHz FCCM Step-Down Converter in SOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com