Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P09xS Datasheet(PDF) 5 Page - Bi technologies

Part # P09xS
Description  9mm Rotary Potentiometer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P09xS Datasheet(HTML) 5 Page - Bi technologies

  P09xS Datasheet HTML 1Page - Bi technologies P09xS Datasheet HTML 2Page - Bi technologies P09xS Datasheet HTML 3Page - Bi technologies P09xS Datasheet HTML 4Page - Bi technologies P09xS Datasheet HTML 5Page - Bi technologies P09xS Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Model P09x
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
November 10, 2014
page 5 of 6
BI technologies
Model P09x5N (Top Adjust, PCB pins, up to 2 gangs)
Model P09xP (Side Adjust, PCB pins, with Push-Lock, up to 2 gangs)


Similar Part No. - P09xS

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P09XS BITECH-P09XS Datasheet
158Kb / 6P
   Switch / Push-Lock Option
More results

Similar Description - P09xS

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
09VR CTS-09VR Datasheet
1Mb / 7P
   9mm Panel Potentiometer
logo
Tyco Electronics
DP09 MACOM-DP09 Datasheet
258Kb / 3P
   9mm Rotary Encoder
logo
Productwell Precision E...
EC10A12V070 PRODUCTWELL-EC10A12V070 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC10A12V090 PRODUCTWELL-EC10A12V090 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC12E24H01 PRODUCTWELL-EC12E24H01 Datasheet
105Kb / 1P
   ROTARY POTENTIOMETER
R09A11VA1 PRODUCTWELL-R09A11VA1 Datasheet
124Kb / 2P
   ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01 Datasheet
133Kb / 2P
   ROTARY POTENTIOMETER
R24211AB1 PRODUCTWELL-R24211AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com