Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54295RSAT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54295RSAT
Description  TPS54295 2-A Dual Channel Synchronous Step-Down Switcher With Integrated FET
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54295RSAT Datasheet(HTML) 1 Page - Texas Instruments

  TPS54295RSAT Datasheet HTML 1Page - Texas Instruments TPS54295RSAT Datasheet HTML 2Page - Texas Instruments TPS54295RSAT Datasheet HTML 3Page - Texas Instruments TPS54295RSAT Datasheet HTML 4Page - Texas Instruments TPS54295RSAT Datasheet HTML 5Page - Texas Instruments TPS54295RSAT Datasheet HTML 6Page - Texas Instruments TPS54295RSAT Datasheet HTML 7Page - Texas Instruments TPS54295RSAT Datasheet HTML 8Page - Texas Instruments TPS54295RSAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
V
= 1.5 V (50 mV/div)
O2
Iout (1 A/div)
t - Time - 100 s/div
m
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS54295
SLVSB01D – OCTOBER 2011 – REVISED AUGUST 2016
TPS54295 2-A Dual Channel Synchronous Step-Down Switcher With Integrated FET
1
1 Features
1
D-CAP2™ Control Mode
Fast Transient Response
No External Parts Required For Loop
Compensation
Compatible With Ceramic Output Capacitors
Wide Input Voltage Range : 4.5 V to 18 V
Output Voltage Range : 0.76 V to 7 V
Highly Efficient Integrated FETs Optimized for
Low Duty Cycle Applications
150 m
Ω (High-Side) and 100 mΩ (Low-Side)
High Initial Reference Accuracy
Low-Side rDS(ON) Lossless Current Sensing
Adjustable Soft Start
Non-Sinking Prebiased Soft Start
700-kHz Switching Frequency
Cycle-by-Cycle Overcurrent Limit Control
OCL, OVP, UVP, UVLO, and TSD Protections
Adaptive Gate Drivers With Integrated Boost
PMOS Switch
OCP Constant Due to Thermally Compensated
rDS(ON) With 4000 ppm/℃
16-Pin HTSSOP, 16-pin VQFN
Auto-Skip Eco-mode™ for High Efficiency at Light
Load
2 Applications
Point-of-Load Regulation in Low Power Systems
for Wide Range of Applications
Digital TV Power Supplies
Networking Home Terminals
Digital Set Top Boxes (STB)
DVD Players and Recorders
Gaming Consoles and Other
3 Description
The TPS54295 is a dual, adaptive on-time D-CAP2
mode synchronous buck converter. The TPS54295
enables system designers to complete the suite of
various end-equipment power bus regulators with a
cost effective, low component count, and low standby
current solution. The main control loops of the
TPS54295 use the D-CAP2 mode control which
provides a very fast transient response with no
external compensation components. The adaptive on-
time control supports seamless transition between
PWM mode at higher load conditions and Eco-mode
operation
at
light
loads.
Eco-mode
allows
the
TPS54295 to maintain high efficiency during lighter
load conditions. The TPS54295 is able to adapt to
both low equivalent series resistance (ESR) output
capacitors such as POSCAP or SP-CAP, and ultra-
low ESR ceramic capacitors. The device provides
convenient and efficient operation with input voltages
from 4.5 V to 18 V.
The TPS54295 is available in a 4.4 mm × 5 mm 16-
pin HTSSOP (PWP) package and 4 mm x 4 mm 16-
pin VQFN (RSA) package, designed to operate at an
ambient temperature range from –40°C to 85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS54295
HTSSOP (16)
5.00 mm × 4.40 mm
VQFN (16)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Load Transient Response


Similar Part No. - TPS54295RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54295 TI1-TPS54295 Datasheet
922Kb / 24P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54295 TI-TPS54295 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951PWP TI1-TPS542951PWP Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS54295RSAT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTP9122 IDT-IDTP9122 Datasheet
631Kb / 16P
   Dual Channel Synchronous Step- Down Switcher with Integrated FET
logo
Texas Instruments
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI-TPS54394_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI-TPS54395_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
logo
Integrated Device Techn...
IDTP9120 IDT-IDTP9120 Datasheet
1Mb / 24P
   Triple Channel Synchronous Step- Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com