Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA846 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA846
Description  Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA846 Datasheet(HTML) 1 Page - Texas Instruments

  OPA846 Datasheet HTML 1Page - Texas Instruments OPA846 Datasheet HTML 2Page - Texas Instruments OPA846 Datasheet HTML 3Page - Texas Instruments OPA846 Datasheet HTML 4Page - Texas Instruments OPA846 Datasheet HTML 5Page - Texas Instruments OPA846 Datasheet HTML 6Page - Texas Instruments OPA846 Datasheet HTML 7Page - Texas Instruments OPA846 Datasheet HTML 8Page - Texas Instruments OPA846 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.ti.com
Wideband, Low-Noise, Voltage-Feedback
OPERATIONAL AMPLIFIER
APPLICATIONS
q HIGH DYNAMIC RANGE ADC PREAMPS
q LOW-NOISE, WIDEBAND, TRANSIMPEDANCE
AMPLIFIERS
q WIDEBAND, HIGH GAIN AMPLIFIERS
q LOW-NOISE DIFFERENTIAL RECEIVERS
q VDSL LINE RECEIVERS
q ULTRASOUND CHANNEL AMPLIFIERS
q SECURITY SENSOR FRONT ENDS
q UPGRADE FOR THE OPA686, CLC425, AND
LMH6624
FEATURES
q HIGH BANDWIDTH: 400MHz (G = +10)
q LOW INPUT VOLTAGE NOISE: 1.2nV/
√Hz
q VERY LOW DISTORTION: –100dBc (5MHz)
q HIGH SLEW RATE: 625V/
µs
q HIGH DC ACCURACY: V
IO ±150µV
q LOW SUPPLY CURRENT: 12.6mA
q HIGH GAIN BANDWIDTH PRODUCT: 1750MHz
q STABLE FOR GAINS
7
DESCRIPTION
The OPA846 combines very high gain bandwidth and large
signal performance with very low input voltage noise, while
dissipating a low 12.6mA supply current. The classical differ-
ential input stage, along with two stages of forward gain and
a high power output stage, combine to make the OPA846 an
exceptionally low distortion amplifier with excellent DC accu-
racy and output drive. The voltage-feedback architecture
allows all standard op amp applications to be implemented
with very high performance.
The combination of low input voltage and current noise,
along with a 1.75GHz gain bandwidth product, make the
OPA846 an ideal amplifier for wideband transimpedance
stages. As a voltage gain stage, the OPA846 is optimized for
a flat response at a gain of +10 and is stable down to a gain
of +7.
High Gain, 20MHz Transimpedance Amplifier
A new external compensation technique can be used to give
a very flat frequency response below the minimum stable
gain for the OPA846, further improving its already excep-
tional distortion performance. Using this compensation makes
the OPA846 one of the premier 12- to 16-bit Analog-to-Digital
(A/D) converter input drivers. The supply current for the
OPA846 is precisely trimmed to 12.6mA at +25
°C. This,
along with carefully defined supply current tempco in the
input and output stages, combine to provide exceptional
performance over the full specified temperature range.
OPA846 RELATED PRODUCTS
INPUT NOISE
GAIN BANDWIDTH
SINGLES
VOLTAGE (nV/
√Hz )
PRODUCT (MHz)
OPA842
2.4
200
OPA843
2.0
800
OPA847
0.85
3900
OPA846
SBOS250E – JULY 2002 – REVISED DECEMBER 2008
www.ti.com
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright © 2002-2008, Texas Instruments Incorporated
OPA846
+5V
–5V
V
O
50k
0.1
µF
100pF
50k
0.2pF
10pF
Photodiode
I
S
–V
B
Power-supply
decoupling not shown.
λ
100
95
90
85
80
75
70
65
60
Frequency (MHz)
WIDEBAND TRANSIMPEDANCE
0.1
1
10
100
20 log(50k
Ω) = 94dBΩ
OPA846
OPA8
46
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.


Similar Part No. - OPA846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846 TI-OPA846 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA846 TI1-OPA846 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA846ID TI-OPA846ID Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com