Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4743 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4743
Description  12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4743 Datasheet(HTML) 5 Page - Texas Instruments

  OPA4743 Datasheet HTML 1Page - Texas Instruments OPA4743 Datasheet HTML 2Page - Texas Instruments OPA4743 Datasheet HTML 3Page - Texas Instruments OPA4743 Datasheet HTML 4Page - Texas Instruments OPA4743 Datasheet HTML 5Page - Texas Instruments OPA4743 Datasheet HTML 6Page - Texas Instruments OPA4743 Datasheet HTML 7Page - Texas Instruments OPA4743 Datasheet HTML 8Page - Texas Instruments OPA4743 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
OPA743
5
SBOS201
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±6V, and RL = 10kΩ, unless otherwise noted.
INPUT BIAS CURRENT (I
B) vs COMMON-MODE
VOLTAGE (V
CM) TEMPERATURE = 85°C
500
400
300
200
100
0
–100
–200
–300
–400
–500
–6
–5
–4
–3
–2
–1
0
1
234
5
6
V
CM (V)
V
S = ±5V
I
B
I
OS
100k
10k
1k
100
10
1.0
0.1
0.01
–50
–25
0
25
50
75
100
125
150
175
Temperature (
°C)
INPUT BIAS (I
B) AND OFFSET (IOS) CURRENT
vs TEMPERATURE
R
L = 100kΩ
R
L = 1kΩ
140
130
120
110
100
90
80
–100 –75 –50 –25
0
25
50
75
100 125 150 175
OPEN-LOOP GAIN vs TEMPERATURE
Temperature (
°C)
120
110
100
90
80
70
60
–100 –75 –50 –25
0
25
50
75
100 125 150 175
PSRR vs TEMPERATURE
Temperature (
°C)
120
100
80
60
40
20
0
–100 –75 –50 –25
0
25
50
75
100 125 150 175
CMRR vs TEMPERATURE
Temperature (
°C)
(V–)
≤ V
CM ≤ V+
(V–)
≤ V
CM ((V+) – 2V)
15
10
5
0
–5
–10
–15
–6
–5
–4
–3
–2
–10
1
2
3
4
5
6
INPUT BIAS CURRENT (I
B) vs COMMON-MODE
VOLTAGE (V
CM) TEMPERATURE = 25ºC
V
CM (V)
V
S = ±5V


Similar Part No. - OPA4743

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4743 BURR-BROWN-OPA4743 Datasheet
287Kb / 11P
   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA4743EA/250 BURR-BROWN-OPA4743EA/250 Datasheet
287Kb / 11P
   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4743EA/250 TI1-OPA4743EA/250 Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA4743EA/250G4 BURR-BROWN-OPA4743EA/250G4 Datasheet
287Kb / 11P
   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA4743EA/2K5 BURR-BROWN-OPA4743EA/2K5 Datasheet
287Kb / 11P
   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4743

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA743 BURR-BROWN-OPA743 Datasheet
287Kb / 11P
   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com