Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA743 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part No. OPA743
Description  12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

OPA743 Datasheet(HTML) 16 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
OPA2743EA/250
VSSOP
DGK
8
250
210.0
185.0
35.0
OPA2743EA/2K5
VSSOP
DGK
8
2500
367.0
367.0
35.0
OPA2743UA/2K5
SOIC
D
8
2500
367.0
367.0
35.0
OPA4743EA/250
TSSOP
PW
14
250
210.0
185.0
35.0
OPA4743UA/2K5
SOIC
D
14
2500
367.0
367.0
38.0
OPA743NA/250
SOT-23
DBV
5
250
180.0
180.0
18.0
OPA743NA/3K
SOT-23
DBV
5
3000
180.0
180.0
18.0
PACKAGE MATERIALS INFORMATION
www.ti.com
21-Mar-2014
Pack Materials-Page 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn