Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA743 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part No. OPA743
Description  12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

OPA743 Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
OPA743
7
SBOS201
V
OUT = 5Vp-p
0.1%
0.01%
25
20
15
10
5
0
SETTLING TIME vs GAIN
1
10
100
Noninverting Gain (V/V)
G = –1
G = +1
G = +5
OVERSHOOT (%) vs CAPACITANCE
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
Load Capacitance Value (pF)
15
10
5
0
V
OS PRODUCTION DISTRIBUTION
Voltage Offset (mV)
V
OS DRIFT PRODUCTION DISTRIBUTION
Voltage Offset Drift (
µV/°C)
30
25
20
15
10
5
0
SMALL SIGNAL STEP RESPONSE
(G = +1V/V, R
L = 10kΩ, CL = 15pF)
100ns/div
SMALL SIGNAL STEP RESPONSE
(G = –1V/V, R
F = 100kΩ, CF = 1pF, RL = 10kΩ, CL = 15pF)
1
µs/div
NOTE: C
F is used to optimize settling time.
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±6V, and RL = 10kΩ, unless otherwise noted.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn