Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA743 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. OPA743
Description  12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

OPA743 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
OPA743
5
SBOS201
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±6V, and RL = 10kΩ, unless otherwise noted.
INPUT BIAS CURRENT (I
B) vs COMMON-MODE
VOLTAGE (V
CM) TEMPERATURE = 85°C
500
400
300
200
100
0
–100
–200
–300
–400
–500
–6
–5
–4
–3
–2
–1
0
1
234
5
6
V
CM (V)
V
S = ±5V
I
B
I
OS
100k
10k
1k
100
10
1.0
0.1
0.01
–50
–25
0
25
50
75
100
125
150
175
Temperature (
°C)
INPUT BIAS (I
B) AND OFFSET (IOS) CURRENT
vs TEMPERATURE
R
L = 100kΩ
R
L = 1kΩ
140
130
120
110
100
90
80
–100 –75 –50 –25
0
25
50
75
100 125 150 175
OPEN-LOOP GAIN vs TEMPERATURE
Temperature (
°C)
120
110
100
90
80
70
60
–100 –75 –50 –25
0
25
50
75
100 125 150 175
PSRR vs TEMPERATURE
Temperature (
°C)
120
100
80
60
40
20
0
–100 –75 –50 –25
0
25
50
75
100 125 150 175
CMRR vs TEMPERATURE
Temperature (
°C)
(V–)
≤ V
CM ≤ V+
(V–)
≤ V
CM ((V+) – 2V)
15
10
5
0
–5
–10
–15
–6
–5
–4
–3
–2
–10
1
2
3
4
5
6
INPUT BIAS CURRENT (I
B) vs COMMON-MODE
VOLTAGE (V
CM) TEMPERATURE = 25ºC
V
CM (V)
V
S = ±5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn