Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT377ATSOCT Datasheet(PDF) 8 Page - Texas Instruments

Part # CY74FCT377ATSOCT
Description  8-BIT REGISTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT377ATSOCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button CY74FCT377ATSOCT Datasheet HTML 4Page - Texas Instruments CY74FCT377ATSOCT Datasheet HTML 5Page - Texas Instruments CY74FCT377ATSOCT Datasheet HTML 6Page - Texas Instruments CY74FCT377ATSOCT Datasheet HTML 7Page - Texas Instruments CY74FCT377ATSOCT Datasheet HTML 8Page - Texas Instruments CY74FCT377ATSOCT Datasheet HTML 9Page - Texas Instruments CY74FCT377ATSOCT Datasheet HTML 10Page - Texas Instruments CY74FCT377ATSOCT Datasheet HTML 11Page - Texas Instruments CY74FCT377ATSOCT Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Aug-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
5962-9221902M2A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
5962-
9221902M2A
5962-9221903M2A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
5962-
9221903M2A
CY54FCT
377CTLMB
CY54FCT377CTLMB
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
5962-
9221903M2A
CY54FCT
377CTLMB
CY74FCT377ATQCT
ACTIVE
SSOP
DBQ
20
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
FCT377A
CY74FCT377ATSOC
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT377A
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.


Similar Part No. - CY74FCT377ATSOCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT377ATSOCT TI-CY74FCT377ATSOCT Datasheet
71Kb / 7P
[Old version datasheet]   8-Bit Register
More results

Similar Description - CY74FCT377ATSOCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT374T TI-CY5474FCT374T Datasheet
98Kb / 9P
[Old version datasheet]   8-Bit Registers
CY54FCT273T TI1-CY54FCT273T_14 Datasheet
471Kb / 12P
[Old version datasheet]   8-BIT REGISTERS
logo
Aeroflex Circuit Techno...
UT54ACS164 AEROFLEX-UT54ACS164 Datasheet
246Kb / 10P
   8-Bit Shift Registers
logo
Hitachi Semiconductor
HD74LS91 HITACHI-HD74LS91 Datasheet
59Kb / 6P
   8-bit Shift Registers
logo
Texas Instruments
SN5491A TI-SN5491A Datasheet
204Kb / 5P
[Old version datasheet]   8-BIT SHIFT REGISTERS
SN54198 TI-SN54198 Datasheet
394Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS
logo
Unisonic Technologies
U74HCT595 UTC-U74HCT595_15 Datasheet
196Kb / 6P
   8-BIT SHIFT REGISTERS
logo
Motorola, Inc
SN54LS166 MOTOROLA-SN54LS166 Datasheet
106Kb / 4P
   8-BIT SHIFT REGISTERS
logo
Texas Instruments
SN74AHC595 TI1-SN74AHC595_15 Datasheet
1,021Kb / 29P
[Old version datasheet]   8-Bit Shift Registers
logo
Hitachi Semiconductor
HD74LS166A HITACHI-HD74LS166A Datasheet
91Kb / 7P
   8-bit Shift Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com