Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT377ATQCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT377ATQCT
Description  8-BIT REGISTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT377ATQCT Datasheet(HTML) 5 Page - Texas Instruments

  CY74FCT377ATQCT Datasheet HTML 1Page - Texas Instruments CY74FCT377ATQCT Datasheet HTML 2Page - Texas Instruments CY74FCT377ATQCT Datasheet HTML 3Page - Texas Instruments CY74FCT377ATQCT Datasheet HTML 4Page - Texas Instruments CY74FCT377ATQCT Datasheet HTML 5Page - Texas Instruments CY74FCT377ATQCT Datasheet HTML 6Page - Texas Instruments CY74FCT377ATQCT Datasheet HTML 7Page - Texas Instruments CY74FCT377ATQCT Datasheet HTML 8Page - Texas Instruments CY74FCT377ATQCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY54FCT377T, CY74FCT377T
8-BIT REGISTERS
SCCS023A – MAY 1994 – REVISED OCTOBER 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
CY54FCT377T
CY74FCT377T
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
ICCD¶
VCC = 5.5 V, Outputs open,
One bit switching at 50% duty cycle, CE = GND,
VIN ≤ 0.2 V or VIN ≥ VCC – 0.2 V
0.06
0.12
mA/
ICCD¶
VCC = 5.25 V, Outputs open,
One bit switching at 50% duty cycle, CE = GND,
VIN ≤ 0.2 V or VIN ≥ VCC – 0.2 V
0.06
0.12
MHz
#
One bit
switching at
f1 = 5 MHz at
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
0.7
1.4
#
VCC = 5.5 V,
Outputs open,
f1 = 5 MHz at
50% duty cycle
VIN = 3.4 V or GND
1.2
3.4
#
,
f0 = 10 MHz,
CE = GND
Eight bits
switching at
f1 = 2 5 MHz at
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
1.6
3.2||
IC#
f1 = 2.5 MHz at
50% duty cycle
VIN = 3.4 V or GND
3.9
12.2||
mA
IC#
One bit
switching at
f1 = 5 MHz at
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
0.7
1.4
mA
VCC = 5.25 V,
Outputs open,
f1 = 5 MHz at
50% duty cycle
VIN = 3.4 V or GND
1.2
3.4
,
f0 = 10 MHz,
CE = GND
Eight bits
switching at
f1 = 2 5 MHz at
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
1.6
3.2||
f1 = 2.5 MHz at
50% duty cycle
VIN = 3.4 V or GND
3.9
12.2||
Ci
5
10
5
10
pF
Co
9
12
9
12
pF
† Typical values are at VCC = 5 V, TA = 25°C.
¶ This parameter is derived for use in total power-supply calculations.
# IC
= ICC + ∆ICC × DH × NT + ICCD (f0/2 + f1 × N1)
Where:
IC
= Total supply current
ICC
= Power-supply current with CMOS input levels
∆ICC = Power-supply current for a TTL high input (VIN = 3.4 V)
DH
= Duty cycle for TTL inputs high
NT
= Number of TTL inputs at DH
ICCD = Dynamic current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamperes and all frequencies are in megahertz.
|| Values for these conditions are examples of the ICC formula.


Similar Part No. - CY74FCT377ATQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT377ATQCT TI-CY74FCT377ATQCT Datasheet
71Kb / 7P
[Old version datasheet]   8-Bit Register
More results

Similar Description - CY74FCT377ATQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT374T TI-CY5474FCT374T Datasheet
98Kb / 9P
[Old version datasheet]   8-Bit Registers
CY54FCT273T TI1-CY54FCT273T_14 Datasheet
471Kb / 12P
[Old version datasheet]   8-BIT REGISTERS
logo
Aeroflex Circuit Techno...
UT54ACS164 AEROFLEX-UT54ACS164 Datasheet
246Kb / 10P
   8-Bit Shift Registers
logo
Hitachi Semiconductor
HD74LS91 HITACHI-HD74LS91 Datasheet
59Kb / 6P
   8-bit Shift Registers
logo
Texas Instruments
SN5491A TI-SN5491A Datasheet
204Kb / 5P
[Old version datasheet]   8-BIT SHIFT REGISTERS
SN54198 TI-SN54198 Datasheet
394Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS
logo
Unisonic Technologies
U74HCT595 UTC-U74HCT595_15 Datasheet
196Kb / 6P
   8-BIT SHIFT REGISTERS
logo
Motorola, Inc
SN54LS166 MOTOROLA-SN54LS166 Datasheet
106Kb / 4P
   8-BIT SHIFT REGISTERS
logo
Texas Instruments
SN74AHC595 TI1-SN74AHC595_15 Datasheet
1,021Kb / 29P
[Old version datasheet]   8-Bit Shift Registers
logo
Hitachi Semiconductor
HD74LS166A HITACHI-HD74LS166A Datasheet
91Kb / 7P
   8-bit Shift Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com