Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29FCT818CTSOC Datasheet(PDF) 4 Page - Texas Instruments

Part # CY29FCT818CTSOC
Description  DIAGNOSTIC SCAN REGISTER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY29FCT818CTSOC Datasheet(HTML) 4 Page - Texas Instruments

  CY29FCT818CTSOC Datasheet HTML 1Page - Texas Instruments CY29FCT818CTSOC Datasheet HTML 2Page - Texas Instruments CY29FCT818CTSOC Datasheet HTML 3Page - Texas Instruments CY29FCT818CTSOC Datasheet HTML 4Page - Texas Instruments CY29FCT818CTSOC Datasheet HTML 5Page - Texas Instruments CY29FCT818CTSOC Datasheet HTML 6Page - Texas Instruments CY29FCT818CTSOC Datasheet HTML 7Page - Texas Instruments CY29FCT818CTSOC Datasheet HTML 8Page - Texas Instruments CY29FCT818CTSOC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY29FCT818T
DIAGNOSTIC SCAN REGISTER
WITH 3-STATE OUTPUTS
SCCS012B – MAY 1994 – REVISED NOVEMBER 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
CY29FCT818ATDMB
CY29FCT818T
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
–3
–32
mA
IOL
Low-level output current
20
64
mA
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
CY29FCT818ATDMB
CY29FCT818T
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
IIN = –18 mA
–0.7
–1.2
V
VIK
VCC = 4.75 V,
IIN = –18 mA
–0.7
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.4
3.3
VOH
VCC = 4 75 V
IOH = –32 mA
2
V
VCC = 4.75 V
IOH = –15 mA
2.4
3.3
VOL
VCC = 4.5 V,
IOL = 20 mA
0.3
0.55
V
VOL
VCC = 4.75 V,
IOL = 64 mA
0.3
0.55
V
Vhys
All inputs
0.2
0.2
V
II
VCC = 5.5 V,
VIN = VCC
5
µA
II
VCC = 5.25 V,
VIN = VCC
5
µA
IIH
VCC = 5.5 V,
VIN = 2.7 V
±1
µA
IIH
VCC = 5.25 V,
VIN = 2.7 V
±1
µA
IIL
VCC = 5.5 V,
VIN = 0.5 V
±1
µA
IIL
VCC = 5.25 V,
VIN = 0.5 V
±1
µA
IOZH
VCC = 5.5 V,
VOUT = 2.7 V
10
µA
IOZH
VCC = 5.25 V,
VOUT = 2.7 V
10
µA
IOZL
VCC = 5.5 V,
VOUT = 0.5 V
–10
µA
IOZL
VCC = 5.25 V,
VOUT = 0.5 V
–10
µA
I
VCC = 5.5 V,
VOUT = 0 V
–60
–120
–225
mA
IOS‡
VCC = 5.25 V,
VOUT = 0 V
–60
–120
–225
mA
Ioff
VCC = 0 V,
VOUT = 4.5 V
±1
±1
µA
ICC
VCC = 5.5 V,
VIN ≤ 0.2 V,
VIN ≥ VCC – 0.2 V
0.2
1.5
mA
ICC
VCC = 5.25 V,
VIN ≤ 0.2 V,
VIN ≥ VCC – 0.2 V
0.2
1.5
mA
∆ICC
VCC = 5.5 V, VIN = 3.4 V§, f1 = 0, Outputs open
0.5
2
mA
∆ICC
VCC = 5.25 V, VIN = 3.4 V§, f1 = 0, Outputs open
0.5
2
mA
† Typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus
and/or sample-and-hold techniques are preferable to minimize internal chip heating and more accurately reflect operational values. Otherwise,
prolonged shorting of a high output can raise the chip temperature well above normal and cause invalid readings in other parametric tests. In
any sequence of parameter tests, IOS tests should be performed last.
§ Per TTL-driven input (VIN = 3.4 V); all other inputs at VCC or GND


Similar Part No. - CY29FCT818CTSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT818CTSOC TI-CY29FCT818CTSOC Datasheet
93Kb / 7P
[Old version datasheet]   Diagnostic Scan Register
CY29FCT818CTSOC TI1-CY29FCT818CTSOC Datasheet
533Kb / 14P
[Old version datasheet]   DIAGNOSTIC SCAN REGISTER WITH 3-STATE OUTPUTS
CY29FCT818CTSOCT TI-CY29FCT818CTSOCT Datasheet
93Kb / 7P
[Old version datasheet]   Diagnostic Scan Register
CY29FCT818CTSOCT TI1-CY29FCT818CTSOCT Datasheet
533Kb / 14P
[Old version datasheet]   DIAGNOSTIC SCAN REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - CY29FCT818CTSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT818T TI1-CY29FCT818T_17 Datasheet
533Kb / 14P
[Old version datasheet]   DIAGNOSTIC SCAN REGISTER WITH 3-STATE OUTPUTS
CY29FCT818T TI-CY29FCT818T Datasheet
93Kb / 7P
[Old version datasheet]   Diagnostic Scan Register
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com