Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54202H Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54202H
Description  4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54202H Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54202H Datasheet HTML 4Page - Texas Instruments TPS54202H Datasheet HTML 5Page - Texas Instruments TPS54202H Datasheet HTML 6Page - Texas Instruments TPS54202H Datasheet HTML 7Page - Texas Instruments TPS54202H Datasheet HTML 8Page - Texas Instruments TPS54202H Datasheet HTML 9Page - Texas Instruments TPS54202H Datasheet HTML 10Page - Texas Instruments TPS54202H Datasheet HTML 11Page - Texas Instruments TPS54202H Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
BOOT
SW
VIN
EN
-
+
+
LS MOSFET
Current Limit
Oscillator
Maximum
Clamp
Overload
Recovery
Soft Start
Voltage
Reference
Slope
Compensation
HS MOSFET
Current
Comparator
Minimum Clamp
Pulse Skip
Power Stage
And
Dead time
Control
Logic
Boot UVLO
Boot Charge
UVLO
Thermal
Hiccup
Shutdown
Logic
ERROR AMPLIFIER
Regulator
VIN
-
+
OV comparator
0.6V
Current
Sense
Current
Sense
FB
GND
Hiccup
Shutdown
Hiccup
Shutdown
EN Compatator
Ih
30kohm
2.2nF
2pF
8
TPS54202H
SLVSDG7 – APRIL 2016
www.ti.com
Product Folder Links: TPS54202H
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The device is a 28-V, 2-A, synchronous step-down (buck) converter with two integrated n-channel MOSFETs. To
improve performance during line and load transients the device implements a constant-frequency, peak current
mode control which reduces output capacitance. The optimized internal compensation network minimizes the
external component counts and simplifies the control loop design.
The TPS54202H’s switching frequency is fixed to 500 kHz.
The TPS54202H starts switching at VIN equal to 4.5 V. The operating current is 45
μA typically when not
switching and under no load. When the device is disabled, the supply current is 2 µA typically.
The integrated 148-m
Ω high-side MOSFET and 78-mΩ allow for high efficiency power supply designs with
continuous output currents up to 2 A.
The TPS54202H reduces the external component count by integrating the boot recharge diode. The bias voltage
for the integrated high-side MOSFET is supplied by an external capacitor on the BOOT to PH pins. The boot
capacitor voltage is monitored by an UVLO circuit and will turn the high-side MOSFET off when the voltage falls
below a preset threshold of 2.1 V typically.
The device minimizes excessive output overvoltage transients by taking advantage of the overvoltage
comparator. When the regulated output voltage is greater than 108% of the nominal voltage, the overvoltage
comparator is activated, and the high-side MOSFET is turned off and masked from turning on until the output
voltage is lower than 104%.
The TPS54202H device has internal 5-ms soft-start time to minimize inrush currents.
7.2 Functional Block Diagram


Similar Part No. - TPS54202H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS54202DDCR TI1-TPS54202DDCR Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS54202DDCT TI1-TPS54202DDCT Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
More results

Similar Description - TPS54202H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS54335A TI-TPS54335A_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com