Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54HC126F3A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC126F3A
Description  High-Speed CMOS Logic Quad Buffer, Three-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC126F3A Datasheet(HTML) 2 Page - Texas Instruments

  CD54HC126F3A Datasheet HTML 1Page - Texas Instruments CD54HC126F3A Datasheet HTML 2Page - Texas Instruments CD54HC126F3A Datasheet HTML 3Page - Texas Instruments CD54HC126F3A Datasheet HTML 4Page - Texas Instruments CD54HC126F3A Datasheet HTML 5Page - Texas Instruments CD54HC126F3A Datasheet HTML 6Page - Texas Instruments CD54HC126F3A Datasheet HTML 7Page - Texas Instruments CD54HC126F3A Datasheet HTML 8Page - Texas Instruments CD54HC126F3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Functional Diagram
Logic Diagram
TRUTH TABLE
INPUTS
OUTPUTS
nA
nOE
nY
HHH
LHL
XL
Z
H= High Voltage Level
L= Low Voltage Level
X= Don’t Care
Z= High Impedance, OFF State
1A
2OE
2A
3A
4OE
4A
1
4
5
9
13
12
3
6
1Y
3Y
4Y
GND = 7
VCC = 14
2Y
8
11
2
10
1OE
3OE
nY
P
n
nA
nOE
CD54HC126, CD74HC126, CD54HCT126, CD74HCT126


Similar Part No. - CD54HC126F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC126F3A TI-CD54HC126F3A Datasheet
257Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC126F3A TI-CD54HC126F3A Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
More results

Similar Description - CD54HC126F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC125 TI-CD54HC125 Datasheet
269Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD74HC125 TI-CD74HC125 Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
CD74HC126 TI-CD74HC126 Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
CD54HC126 TI-CD54HC126_08 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC125 TI1-CD54HC125_14 Datasheet
618Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC125 TI-CD54HC125_06 Datasheet
265Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC126 TI-CD54HC126 Datasheet
257Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC240 TI-CD54HC240_07 Datasheet
445Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC240 TI-CD54HC240_08 Datasheet
475Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC240 TI-CD54HC240 Datasheet
306Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com