Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53667RTAT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53667RTAT
Description  6-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53667RTAT Datasheet(HTML) 1 Page - Texas Instruments

  TPS53667RTAT Datasheet HTML 1Page - Texas Instruments TPS53667RTAT Datasheet HTML 2Page - Texas Instruments TPS53667RTAT Datasheet HTML 3Page - Texas Instruments TPS53667RTAT Datasheet HTML 4Page - Texas Instruments TPS53667RTAT Datasheet HTML 5Page - Texas Instruments TPS53667RTAT Datasheet HTML 6Page - Texas Instruments TPS53667RTAT Datasheet HTML 7Page - Texas Instruments TPS53667RTAT Datasheet HTML 8Page - Texas Instruments TPS53667RTAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPS53667
PWM1
Power
Stage
PMBus
CSP1
PWM2
Power
Stage
CSP2
Power
Stage
PWM6
CSP6
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
TPS53667
SLUSC40 – JULY 2016
TPS53667 6-Phase, D-CAP+, Step-Down, Buck Controller with NVM
and PMBus™ Interface for ASIC Power and High-Current Point-of-Load
Check for Samples: TPS53667
1
1 Features
1
8-bit Selectable BOOT Voltage via Pinstrap or
NVM: 0.5 V to 2.5 V (down to 5-mV Step)
1-, 2-, 3-, 4-, 5-, or 6- Phase Operation
PMBus™ System Interface for Telemetry of
Voltage, Current, Power, Temperature, and Fault
Conditions
1.8-V and 3.3-V PMBus Bias Compatible
Fault Reporting: Output Voltage, Output Current,
and Temperature
Configurable with Non-Volatile Memory (NVM) or
Resistor Pinstrap
16 Levels of Programmable OCP with Pinstrap or
NVM
Fast Transient with DCAP+™Control
Optimized Efficiency at Light and Heavy Loads
Support Pre-Bias Startup
8 Independent Levels of Overshoot Reduction
(OSR) and Undershoot Reduction (USR)
Driverless Configuration for Efficient High-
Frequency Switching
Compatible with CSD95490BQ5MC NexFET™
Power Stage
Accurate, Adjustable Voltage Positioning
300-kHz to 1-MHz Frequency Selections with
Closed-loop Frequency Control
Patented AutoBalance™ Phase Balancing
Dynamic Phase Shedding with Programmable
Current Threshold
Conversion Voltage Range: 4.5 V to 17 V
Small, 6 mm × 6 mm, 40-Pin, QFN, PowerPAD™
Package
2 Applications
Application-Specific Integrated Circuit (ASIC)
Power in Communications Equipment
High Density Power Solutions
Server Power
Smart Power Systems
3 Description
The TPS53667 is a high-current, multi-phase, step-
down controller. The device offers built-in non volatile
memory (NVM) and PMBus interface. It is fully
compatible
with
the
NexFET
power
stage
(CSD95490BQ5MC). The TPS53667 provides 8-bit
BOOT voltage selection covering output voltage from
0.5 V to 2.5 V, with steps as small as 5 mV, which is
ideal for high current application with accurate output
voltage setting. Advanced control features such as D-
CAP+ architecture with undershoot reduction (USR)
and overshoot reduction (OSR) provide fast transient
response,
lowest
output
capacitance,
and
high
efficiency. The TPS53667 also provides novel phase
interleaving strategy and dynamic phase shedding for
efficiency improvement at light loads. In addition, the
TPS53667
supports
the
PMBus
communication
interface with systems for telemetry of voltage,
current, power, temperature, and fault conditions.
Some of the configurations can be programmed by
pinstrap or PMBus and stored in non-volatile memory
to minimize the external component count.
The TPS53667 is offered in a space saving, thermally
enhanced 40-pin QFN package and is rated to
operate from –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS53667
QFN (40)
6.00 mm × 6.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - TPS53667RTAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53661 TI1-TPS53661 Datasheet
743Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS53661RSBR TI1-TPS53661RSBR Datasheet
743Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS53661RSBT TI1-TPS53661RSBT Datasheet
743Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
More results

Similar Description - TPS53667RTAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53647 TI1-TPS53647_16 Datasheet
2Mb / 120P
[Old version datasheet]   4-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
TPS53647 TI-TPS53647_15 Datasheet
2Mb / 122P
[Old version datasheet]   TPS53647 4-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
TPS53679 TI1-TPS53679 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
logo
International Rectifier
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Texas Instruments
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com