Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53632 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53632
Description  3-2-1 Phase D-CAP??Step-Down Driverless Controller for Low-Voltage Applications with I2C Interface Control
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53632 Datasheet(HTML) 1 Page - Texas Instruments

  TPS53632 Datasheet HTML 1Page - Texas Instruments TPS53632 Datasheet HTML 2Page - Texas Instruments TPS53632 Datasheet HTML 3Page - Texas Instruments TPS53632 Datasheet HTML 4Page - Texas Instruments TPS53632 Datasheet HTML 5Page - Texas Instruments TPS53632 Datasheet HTML 6Page - Texas Instruments TPS53632 Datasheet HTML 7Page - Texas Instruments TPS53632 Datasheet HTML 8Page - Texas Instruments TPS53632 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
TPS53632
PWM1
SKIP
PWM2
Control BUS
Driver
Power
Block
PWM3
Power Stage
Driver
Power
Block
Power Stage
Driver
Power
Block
Power Stage
VO
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS53632
SLUSBW8 – SEPTEMBER 2014
TPS53632 3-2-1 Phase D-CAP+™ Step-Down Driverless Controller
for Low-Voltage Applications with I2C Interface Control
1 Features
3 Description
The TPS53632 device is a driverless step-down
1
Selectable Phase Count: (3, 2, or 1)
controller with serial control. Advanced features such
I2C Interface for VID Control and Telemetry with
as
D-CAP+
architecture
provide
fast
transient
Eight Device Addresses
response,
lowest
output
capacitance
and
high
D-CAP+™ Control for Fast Transient Response
efficiency.
The
TPS53632
device
supports
the
standard I2C Rev 3.0 interface for dynamic control of
Dynamic Phase Add and Drop Operation
the output voltage and current monitor telemetry. It
Switching Frequency: 300 kHz to 1 MHz
also has dynamic phase add and drop control and
Digital Current Monitor
enters
single-phase,
discontinuous-current-mode
operation to maximize light-load efficiency.
7-Bit, DAC Output Range: 0.50 V to 1.52 V
Optimized Efficiency at Light and Heavy Loads
Other features include adjustable control of VCORE
slew rate and voltage positioning. The TPS51604
Accurate, Adjustable Voltage Positioning or Zero
device
driver
is
designed
specifically
for
this
Slope Load-Line
generation of controllers. In addition, the TPS53632
Patented AutoBalance™ Phase Balancing
device can be used along with the TI power stage
Selectable, 8-Level Current Limit
devices (driver MOSFETs). The TPS53632 device is
packaged in a space saving, thermally enhanced, 32-
2.5-V to 24-V Conversion Voltage Range
pin VQFN package and is rated to operate at a range
Default Boot Voltage: 1.00 V
between –10°C and 105°C.
Small, 4-mm x 4-mm, 32-Pin, VQFN PowerPAD
Package
Device Information
PART NUMBER
PACKAGE
BODY SIZE
2 Applications
TPS53632
VQFN
4 mm × 4 mm
High-Current, Low-Voltage Applications
Core Power for Microservers, Custom
Microcontrollers, ASICs
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS53632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53632G TI1-TPS53632G Datasheet
125Kb / 6P
[Old version datasheet]   Half-Bridge PWM Controller Optimized
TPS53632G TI1-TPS53632G Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
TPS53632GRSMR TI1-TPS53632GRSMR Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
TPS53632GRSMT TI1-TPS53632GRSMT Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
TPS53632G TI1-TPS53632G_16 Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
More results

Similar Description - TPS53632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS59632-Q1 TI1-TPS59632-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   TPS59632-Q1 2.5-V To 24-V, 3-, 2-, and 1-Phase Step-Down Driverless Controller for Automotive ADAS Applications
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
logo
Semtech Corporation
SC493 SEMTECH-SC493 Datasheet
559Kb / 28P
   EcoSpeedTM Step-down Controller with I2C Interface
logo
Texas Instruments
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
logo
Maxim Integrated Produc...
MAX15569 MAXIM-MAX15569 Datasheet
1Mb / 41P
   2-Phase/1-Phase QuickTune-PWM Controller with Serial I2C Interface
Rev 0; 3/13
logo
Texas Instruments
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
logo
ON Semiconductor
NCP81611 ONSEMI-NCP81611 Datasheet
499Kb / 30P
   4/3/2/1 Multi-Phase Buck Controller with PWM_VID and I2C Interface
May, 2020 - Rev. 4
logo
Texas Instruments
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com