Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS544C20RVFR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS544C20RVFR
Description  4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS544C20RVFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS544C20RVFR Datasheet HTML 6Page - Texas Instruments TPS544C20RVFR Datasheet HTML 7Page - Texas Instruments TPS544C20RVFR Datasheet HTML 8Page - Texas Instruments TPS544C20RVFR Datasheet HTML 9Page - Texas Instruments TPS544C20RVFR Datasheet HTML 10Page - Texas Instruments TPS544C20RVFR Datasheet HTML 11Page - Texas Instruments TPS544C20RVFR Datasheet HTML 12Page - Texas Instruments TPS544C20RVFR Datasheet HTML 13Page - Texas Instruments TPS544C20RVFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
10
TPS544B20, TPS544C20
SLUSB69B – MAY 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VIN = VVDD= 12 V, RRT = 38.3 kΩ; zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
Current sense amplifier gain and offset are production tested. Output current monitoring guaranteed by correlation.
OUTPUT VOLTAGE TRIMMING AND MARGINING
VFBTM(step)
Resolution of FB steps with trim
and margin
2
mV
tFBTM(step)
Transition time per trim or margin
step
After soft-start time
30
µs
VFBTM(max)
Maximum FB voltage with trim or
margin only
660
mV
VFBTM(min)
Minimum FB voltage with trim or
margin only
480
mV
VFBTM(rng)
FB voltage range with trim and
margin combined
420
660
mV
VFBMH
Margin high FB pin voltage
Factory default settings
660
mV
VFBML
Margin low FB pin voltage
Factory default settings
540
mV
TEMPERATURE SENSE AND THERMAL SHUTDOWN
TSD
Junction shutdown temperature(1)
135
145
155
°C
THYST
Thermal shutdown hysteresis(1)
20
25
30
°C
ITSNS(ratio)
Ratio of bias current flowing out of
TSNS pin, state 2 to state 1
9.7
10.0
10.3
µA/µA
ITSNS
State 1 current out of TSNS pin
10
µA
ITSNS
State 2 current out of TSNS pin
100
µA
VTSNS
Voltage range on TSNS pin(1)
0
1.00
V
TOT(flt)
Overtemperature fault limit(1)
Factory default settings
150
°C
OT fault limit range(1)
120
165
TOT(warn)
Overtemperature warning limit(1)
Factory default settings
125
°C
OT warning limit range(1)
100
140
TOT(step)
OT fault, warning step(1)
5
°C
TOT(hys)
OT fault, warning hysteresis(1)
15
20
25
°C
MEASUREMENT SYSTEM
MVOUT(rng)
Output voltage measurement
range
0.5
5.8
V
MVOUT(acc)
Output voltage measurement
accuracy
–2.0%
2.0%
MVOUT(lsb)
Output voltage measurement bit
resolution
1.95
mV
MIOUT(acc)
Output current measurement
accuracy(3)
IOUT ≥ 20 A, -40 ≤ TA ≤ 85°C
-15%
+15%
3 A
≤ IOUT < 20 A, –40 ≤ TA ≤ 85°C
-3
+3
A
MIOUT(lsb)
Output current measurement bit
resolution(1)
62.5
mA
MTSNS(rng)
External temperature sense
range(1)
-40
165
°C
MTSNS(acc)
External temperature sense
accuracy(1)
-40°C
≤ TJ(sensor) ≤ 165°C
-8
8
°C
MTSNS(lsb)
External temperature sense bit
resolution(1)
1.238
°C
PMBus INTERFACE ADDRESSING
IADD
Address pin bias current
8.23
9.75
11.21
µA
VADD(rng)
Address pin legal address voltage
range
0.08
2.35
V


Similar Part No. - TPS544C20RVFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544C20RVFR TI1-TPS544C20RVFR Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
More results

Similar Description - TPS544C20RVFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20 TI-TPS544B20_15 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com